Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 35Page - ams-OSRAM AG AS1163 Datasheet HTML 36Page - ams-OSRAM AG AS1163 Datasheet HTML 37Page - ams-OSRAM AG AS1163 Datasheet HTML 38Page - ams-OSRAM AG AS1163 Datasheet HTML 39Page - ams-OSRAM AG AS1163 Datasheet HTML 40Page - ams-OSRAM AG AS1163 Datasheet HTML 41Page - ams-OSRAM AG AS1163 Datasheet HTML 42Page - ams-OSRAM AG AS1163 Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
39 / 91
/
6.6.1
LED temperature compensation
In color-accurate RGB applications, the host MCU synthesizes a color with the PWM settings
of the 3 LED drivers for each channel. In this case, each PWM triplet is already taking into
account the chip temperature.
Chip junction temperature is obtained by a status register request, as estimation of the LED
temperature, creating an accurate color despite the absolute LED temperature variations.
This feature implements small corrections to the programmed PWM values, proportionally to
the difference between the reference temperature and the actual temperature, in steps of 4
LSBs.
The temperature correction factor is sent by the host together with the reference temperature
using SETTCOEFFCHN telegram. Once the absolute delta between actual temperature and
reference temperature is larger than k*TEMP_STEP, k=1,2,3,… the correction factor is applied
to the PWM proportionally using the formula:
Equation 2:
������������������(������) = ������������������ ( ������������������������) [1 + ������ (������������������������)(������ − ������������������������)]
Before every new PWM frame is started, the temperature delta is checked and in case
compensation is required this is calculated and applied one channel at a time.
Programmed temperature coefficient and reference temperature can be read by the
READTCOEFFCHN command.
The compensation happens only when the device is in active state.
The following conditions will automatically trigger a start of compensation calculation process:
1. Host changes any PWM values, current value, reference temperatures or correction
factors.
2. Actual temperature changes.
3. Device state goes from sleep/deep-sleep to active state
Within one compensation calculation, compensation of every driver is calculated once and in a
sequential manner R0, B0, G0, R1, B1, G1, R2, B2, G2. For each driver it takes 55 system
clock cycles to complete (2.86 µs). So, for one entire compensation, it takes nominally (55*9) +
1 clock cycles = 25.83 µs to complete.
To disable this function, host should set the correction factor all to zero.
All corrected PWM values are reset to 0 when the device is not in active state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com