Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS1163 Datasheet HTML 1Page - ams-OSRAM AG AS1163 Datasheet HTML 2Page - ams-OSRAM AG AS1163 Datasheet HTML 3Page - ams-OSRAM AG AS1163 Datasheet HTML 4Page - ams-OSRAM AG AS1163 Datasheet HTML 5Page - ams-OSRAM AG AS1163 Datasheet HTML 6Page - ams-OSRAM AG AS1163 Datasheet HTML 7Page - ams-OSRAM AG AS1163 Datasheet HTML 8Page - ams-OSRAM AG AS1163 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
AS1163
General description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
4 / 91
/
AS1163 SAID - Standalone intelligent driver
1
General description
AS1163 is a mixed signal silicon device optimized for dynamic lighting applications.
The basic purpose of AS1163 is to drive 9 LEDs organized in 3 channel triplets (RGB) with an
independent PWM dimming dynamic range up to 16 bits.
AS1163 is often addressed with a different name: “SAID”, an acronym, which stands for Stand-
Alone Intelligent Driver.
Daisy chain configurations of multiple AS1163 devices will enable cost effective
implementation of complex dynamic lighting effects.
AS1163 will support single layer slim PCB designs.
The communication protocol supported by AS1163 is Open System Protocol (OSP), which
makes the SAID fully compatible with the ams OSRAM OSIRE E3731i. AS1163 will support
additional features such as I²C gateway, parallel connection, power-rail feedback, analog
readout.
Each AS1163 device in the chain will be usable by a MCU to read and write an external I²C
device, e.g. EEPROM, temperature sensor, Ambient Light Sensor.
AS1163 is with Functional Safety QM and supports to achieve ASIL-B on system level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com