Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 32 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 32 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 28Page - ams-OSRAM AG AS1163 Datasheet HTML 29Page - ams-OSRAM AG AS1163 Datasheet HTML 30Page - ams-OSRAM AG AS1163 Datasheet HTML 31Page - ams-OSRAM AG AS1163 Datasheet HTML 32Page - ams-OSRAM AG AS1163 Datasheet HTML 33Page - ams-OSRAM AG AS1163 Datasheet HTML 34Page - ams-OSRAM AG AS1163 Datasheet HTML 35Page - ams-OSRAM AG AS1163 Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
32 / 91
/
The use of the first node is optional but simplifies the MCU interface (ME coding/decoding).
Apart from the items listed below, a “parallel” node is just a regular OSP node.
Parallel nodes shall fulfill the following requirements:
A node becomes a “parallel” node by flashing bit star_net_en in OTP to 1.
Each parallel node has a fixed, hard-wired address mask, applied to the top 3 MSBs of
incoming addresses. This address mask is given either by the OTP field star_net_otp_addr if
otp_add_en bit is set, or from open and short flags of channel 2 green and red colors, when
otp_add_en is not set.
The parallel node address defines an address range for its branch. The address range is
defined as:
Table 9: Address range
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
Bit 0
Address mask [2:0]
x
x
x
x
x
x
x
If a parallel node receives a telegram with an address not within its address range (except
broadcast and multicast), the telegram is silently discarded.
When branching is enabled via OTP and the branch address range is defined in the OTP too,
nevertheless R1 & G1 are not available as LED drivers.
Broadcast messages are forwarded as usual. Multicast messages are forwarded as usual.
To initiate the nodes on the network, the MCU has to send individual INIT commands to each
of the “parallel” nodes using the respective hardcoded addresses. INIT refers to either
telegram INITBIDIR or INITLOOP.
For example, MCU starts the initialization with the main trunk, e.g. with INIT(0x001), followed
by the initialization of the branches, e.g. INIT(0x080), INIT(0x100) ... INIT(0x080) will start the
initialization procedure of the first branch only and the nodes in this branch will be initialized
with addresses 0x081, 0x082, etc. The nodes of other branches will ignore this initialization
command as it is not addressed to their address range.
Due to the fixed address ranges, there is a discontinuity of addresses between the various
branches before and after the branching point. Therefore, in order to use serial broadcast
commands (see Commands section) each branch has to be addressed individually and only
after the response of the previous branch has been received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com