Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 36Page - ams-OSRAM AG AS1163 Datasheet HTML 37Page - ams-OSRAM AG AS1163 Datasheet HTML 38Page - ams-OSRAM AG AS1163 Datasheet HTML 39Page - ams-OSRAM AG AS1163 Datasheet HTML 40Page - ams-OSRAM AG AS1163 Datasheet HTML 41Page - ams-OSRAM AG AS1163 Datasheet HTML 42Page - ams-OSRAM AG AS1163 Datasheet HTML 43Page - ams-OSRAM AG AS1163 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
40 / 91
/
The corrected PWM values are clamped between 0 and 16'd65535 to prevent overflow or
negative value.
There could be a PWM frame with intermediately (or wrongly) corrected PWM values when
host modifies the related registers while the device is actively running. Because the reference
temperatures/correct factors/original PWM values may be set separately by host in different
time slot. It could happen that the compensation is done with the old reference temperature but
with the new correction factor or new PWM values. The compensation is only guaranteed to be
correct one PWM frame after all the registers are stable.
There could also be an intermediate (or wrong) RGB combination if the IC temperature
changes between the compensation of two drivers within the same channel. The RGB color is
only guaranteed to be correct one PWM frame after the IC temperature is stable.
Host MCU can read both the original PWM values or the corrected PWM values with the same
READPWMCHN command but with different payload.
Meanwhile the LEDs and the driver chip heat-up or cool-off due to a different self-heating. Until
the next temperature readout and PWM setting, color can potentially drift.
6.6.2
LED channel clustering
It is possible to connect the output drivers together to a single LED with a higher current.
When the drivers are clustered, the output of the drivers is synchronized in power, frequency
and shift. As a result, channel clustering preserves color quality. Technically, this means that
the SETPWMCHN and SETCURCHN to the main driver is also used for the aggregated
drivers.
With the CH_clustering bits in the OTP it is possible to select the configurations that are shown
in Figure 20.
When clustering is deployed, the PCB shall short-circuit the clustered drivers to merge the
currents. For example, when using clustering 2 (see Figure 20), R1 and R2, G1 and G2, and
B1 and B2, shall be connected together in the PCB respectively.
The outgoing arrows in Figure 20 denote the main driver, the incoming arrows the sub or
aggregated drivers; only SETPWMCHN to main drivers have effect, SETPWMCHN to sub
drivers are ignored. Similarly, SETCURCHN to main drivers have effect, SETCURCHN to sub
drivers are ignored."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com