Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 60Page - ams-OSRAM AG AS1163 Datasheet HTML 61Page - ams-OSRAM AG AS1163 Datasheet HTML 62Page - ams-OSRAM AG AS1163 Datasheet HTML 63Page - ams-OSRAM AG AS1163 Datasheet HTML 64Page - ams-OSRAM AG AS1163 Datasheet HTML 65Page - ams-OSRAM AG AS1163 Datasheet HTML 66Page - ams-OSRAM AG AS1163 Datasheet HTML 67Page - ams-OSRAM AG AS1163 Datasheet HTML 68Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
64 / 91
/
7.12.15
SYNC (0x0F)
Software sync resulting (see Chapter 6.9) in latching of latest PWM settings, assuming SYNC
has been enabled for the device (SYNC_EN bit is set in the CURRENT register).
The command can be sent to a specific address, or group or broadcast address.
Takes no argument.
7.12.16
I2CREAD (0x18)
Request n bytes (1≤n≤8) of data from a register in an I²C device.
The SAID I²C bridge first asserts I2CCFG.I2C_BUSY. Next, it starts an I²C transaction
consisting of a write segment (with the register address), followed by a read segment (with the
data from that register). When the device does not acknowledge during the write segment, the
transaction is aborted, and I2CCFG.NACK_ACK is asserted. When the device does
acknowledge, the bridge continues with the read segment, which is stopped after the selected
number of bytes (n) has been received (always “succeeds” since the devices no longer sends
acks); then I2CCFG.NACK_ACK is de-asserted. After abort or successful completion
I2CCFG.I2C_BUSY is de-asserted; it would stay asserted as long as the target device pulls
the SCL low (“I²C clock stretching”).
The PSI of the I2CREAD telegram is fixed at 3 (a payload length of 24 bits) for both the 8-bit
mode and the 12-bit mode (see I2CCFG. I2C_12_BIT_ADDR), but the fields are somewhat
different.
In 8-bit addressing, the first byte is the I²C device address (7-bit I²C address plus adding a 0
LSB). The second byte is the I²C register address from where the read starts. Last 4 bits of the
third byte indicate the number of bytes to read (n, with value 1 to 8).
Figure 24: I2CREAD 8-bit addressing
If 12-bit addressing is asserted (I2CCFG. I2C_12_BIT_ADDR), the first byte is the I²C device
address (7-bits with appended 0) and the second and third bytes form the 12-bit I²C register
address from where the read starts. The I²C write segment is 16 bits, prepending 0b0000. The
last 4 bits of the third byte indicate the number of bytes to read (n, with value 1 to 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com