Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 27Page - ams-OSRAM AG AS1163 Datasheet HTML 28Page - ams-OSRAM AG AS1163 Datasheet HTML 29Page - ams-OSRAM AG AS1163 Datasheet HTML 30Page - ams-OSRAM AG AS1163 Datasheet HTML 31Page - ams-OSRAM AG AS1163 Datasheet HTML 32Page - ams-OSRAM AG AS1163 Datasheet HTML 33Page - ams-OSRAM AG AS1163 Datasheet HTML 34Page - ams-OSRAM AG AS1163 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
31 / 91
/
The protocol does not tolerate interruptions during the telegram, above the specified duty cycle
distortion limits.
In case of 2-wire SPI mode (MCU mode Type B), an interruption up to 1 baud is tolerated.
Additional checks on received commands are available:
•
If a node receives an unknown command with telegram ID > 0x0F, a communication error
flag (STAT.CE_FLAG) will be raised.
•
If a node receives an unknown command with telegram ID <= 0x0F (OSP specific
command), no error will be raised.
6.5.1
Parallel addressing
While the OSP is natively supporting daisy chains, this device AS1163 expands support to
more complex network topologies. This is achieved using specific nodes (“parallel” node) as
branch starter and standard CAN-FD transceivers for the physical 1-to-N connection (see
Figure 11).
All parallel branches must be individually addressed by sending the initialization command
containing the address of the respective "parallel" node. After all branches are correctly
initialized, devices can be seamlessly addressed as in a simple daisy chain.
Figure 11: OSP network topologies
(1) Only bidirectional mode is possible with star network topology. Loopback mode is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com