Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 36 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 36 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 32Page - ams-OSRAM AG AS1163 Datasheet HTML 33Page - ams-OSRAM AG AS1163 Datasheet HTML 34Page - ams-OSRAM AG AS1163 Datasheet HTML 35Page - ams-OSRAM AG AS1163 Datasheet HTML 36Page - ams-OSRAM AG AS1163 Datasheet HTML 37Page - ams-OSRAM AG AS1163 Datasheet HTML 38Page - ams-OSRAM AG AS1163 Datasheet HTML 39Page - ams-OSRAM AG AS1163 Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
36 / 91
/
6.5.7
SPI mode (Type B MCU Mode)
This is an alternative option in MCU mode that is activated when the SPI_mode bit is set in the
OTP customer block.
In this case, instead of sending a Manchester encoded data SIO1_P, the MCU will send clock
and data. Responses (like in MCU mode type A) also use separate clock and data.
Both downstream and upstream communication use a regular SPI interface with clock and
data signals with NRZ coding (no Manchester encoding):
Figure 17: SPI mode
The SPI sender role is always taken by the transmitting device, i.e., for downstream
communication by the MCU and for upstream communication by the first node. There are three
possible options to realize this on MCU side:
Figure 18: SPI mode – connection options
Referring to Figure 18 the first two options work in bidirectional mode, the third option only for
the loop-back mode. When 2 SPI ports are used on the MCU, the first is always sender and
the second is always receiver. The two resistors in the second case are needed to decouple
the sender and receiver pins (the ports in the case that both act as sender at the same time).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com