Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128 Datasheet(PDF) 63 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 59Page - STMicroelectronics RIVA128 Datasheet HTML 60Page - STMicroelectronics RIVA128 Datasheet HTML 61Page - STMicroelectronics RIVA128 Datasheet HTML 62Page - STMicroelectronics RIVA128 Datasheet HTML 63Page - STMicroelectronics RIVA128 Datasheet HTML 64Page - STMicroelectronics RIVA128 Datasheet HTML 65Page - STMicroelectronics RIVA128 Datasheet HTML 66Page - STMicroelectronics RIVA128 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
63/77
APPENDIX
Descriptions of register contents include an indication if register fields are readable (R) or writable (W) and
the initial power-on or reset value of the field (I). ‘-’ indicates not readable / writable, X indicates an inde-
terminate value, hence I=X indicates register or field not reset.
A
PCI CONFIGURATION REGISTERS
This section describes the 256 byte PCI configuration spaces as implemented by the RIVA 128. A single
PCI VGA device is defined by the RIVA 128 which decodes and acknowledges the first 256 bytes of the
configuration address space. The RIVA 128 does not respond (does not assert DEVSEL#) for functions
1-7.
A.1
REGISTER DESCRIPTIONS FOR PCI CONFIGURATION SPACE
Byte offsets 0x03 - 0x00
Device Identification Register (0x03 - 0x02)
Vendor Identification Register (0x01 - 0x00)
0x03
0x02
0x01
0x00
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Function
R W I
31:16
The DEVICE_ID_CHIP bits contain the chip number allocated by the manu-
facturer to identify the particular device.
= 0x0018
R - 0x0018
Bits
Function
R W I
15:0
VENDOR_ID bits allocated by the PCI Special Interest Group to uniquely
identify the manufacturer of the device.
NVIDIA/SGS-THOMSON Vendor ID = 0x12D2 (4818)
R - X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com