Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128 Datasheet(PDF) 69 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 65Page - STMicroelectronics RIVA128 Datasheet HTML 66Page - STMicroelectronics RIVA128 Datasheet HTML 67Page - STMicroelectronics RIVA128 Datasheet HTML 68Page - STMicroelectronics RIVA128 Datasheet HTML 69Page - STMicroelectronics RIVA128 Datasheet HTML 70Page - STMicroelectronics RIVA128 Datasheet HTML 71Page - STMicroelectronics RIVA128 Datasheet HTML 72Page - STMicroelectronics RIVA128 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
69/77
Byte offsets 0x17 - 0x14
Base Memory Address Register (0x17 - 0x14)
Byte offsets 0x2B - 0x18
Base Address Registers (0x2B - 0x18)
0x17
0x16
0x15
0x14
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Function
R W I
31:24
The BASE_ADDRESS bits contain the most significant bits of the base
address of the device. This indicates that the RIVA 128 requires a 16MByte
block of contiguous memory beginning on a 16MByte boundary. This memory
range contains linear frame buffer access and may be set as part of a Pen-
tiumPro™’s write combining (wc) range.
R W 0
23:4
The BASE_RESERVED bits form the least significant bits of the base address
and are hardwired to 0.
R - 0
3
The PREFETCHABLE bit indicates that there are no side effects on reads,
that the device returns all bytes on reads regardless of the byte enables, and
that host bridges can merge processor writes into this range without causing
errors.
R - 1
2:1
The ADDRESS_TYPE bits contain the type (width) of the Base Address.
0=32-bit
R - 0
0
The SPACE_TYPE bit indicates whether the register maps into Memory or I/O
space.
0=Memory space
R - 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0x00000000
Bits
Function
R W I
31:0
These bits are hardwired (read-only) to 0.
R - 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com