Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 8Page - STMicroelectronics RIVA128 Datasheet HTML 9Page - STMicroelectronics RIVA128 Datasheet HTML 10Page - STMicroelectronics RIVA128 Datasheet HTML 11Page - STMicroelectronics RIVA128 Datasheet HTML 12Page - STMicroelectronics RIVA128 Datasheet HTML 13Page - STMicroelectronics RIVA128 Datasheet HTML 14Page - STMicroelectronics RIVA128 Datasheet HTML 15Page - STMicroelectronics RIVA128 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
12/77
3.3
2D ACCELERATION
The RIVA 128's 2D rendering engine delivers in-
dustry-leading
Windows
acceleration
perfor-
mance:
• 100MHz 128-bit graphics engine optimized for
single cycle operation into the 128-bit SGRAM
interface supporting up to 1.6GBytes/s
• Acceleration functions optimized for minimal
software overhead on key GDI calls
• Extensive
support
for
DirectDraw
in
Windows95 including optimized Direct Frame-
buffer (DFB) access with Write-combining
• Accelerated primitives including BLT, transpar-
ent
BLT,
stretchBLT,
points,
lins,
lines,
polylines, polygons, fills, patterns, arbitrary
rectangular clipping and improved text render-
ing
• Pipeline optimized for multiple color depths in-
cluding 8, 15, 24, and 30 bits per pixel
• DMA Pusher allows the 2D graphics pipeline to
load rendering methods optimizing RIVA 128/
host multi-tasking
• Execution of all 256 Raster Operations (as de-
fined by Microsoft Windows) at 8, 15, 24 and
30-bit color depths
• 15-bit hardware color cursor
• Hardware color dithering
• Multi buffering (Double, Triple, Quad buffering)
for smooth animation
3.4
3D ENGINE
Triangle setup engine
• Setup hardware optimized for Microsoft’s
Direct3D API
• 5Gflop floating point geometry processor
• Slope and setup calculations
• Accepts IEEE Single Precision format used in
Direct3D
• Efficient vertex caching
Rendering engine
The RIVA 128 Multimedia Accelerator integrates
an orthodox 3D rendering pipeline and triangle
setup function which not only fully utilizes the ca-
pabilities of the Accelerated Graphics Port, but
also supports advanced texture mapped 3D over
the PCI bus. The RIVA 128 3D pipeline offers to
Direct3D or similar APIs advanced triangle render-
ing capabilities:
• Rendering pipeline optimized for Microsoft’s
Direct3D API
• Perspective correct true-color Gouraud lighting
and texture mapping
• Full 32-bit RGBA texture filter and Gouraud
lighting pixel data path
• Alpha blending for translucency and transpar-
ency
• Sub-pixel accurate texture mapping
• Internal pixel path: up to 24bits, alpha: up to 8
bits
• Texture magnification filtering with high quality
bilinear filtering without performance degrada-
tion
• Texture minification filtering with MIP mapping
without performance degradation
• LOD MIP-mapping: filter shape is dynamically
adjusted based on surface orientation
• Texture sizes from 4 to 2048 texels in either U
or V
• Textures can be looped and paged in real time
for texture animation
• Perspective correct per-pixel fog for atmo-
spheric effects
• Perspective correct specular highlights
• Multi buffering (Double, Triple, Quad buffering)
for smooth 3D animation
• Multipass rendering for environmental mapping
and advanced texturing
3.5
VIDEO PROCESSOR
The RIVA 128 Palette-DAC pipeline accelerates
full-motion video playback, sustaining 30 frames
per second while retaining the highest quality color
resolution, implementing true bilinear filtering for
scaled video, and compensating for filtering losses
using edge enhancement algorithms.
• Advanced support for DirectDraw (DirectVideo)
in Windows 95
• Back-end hardware video scaling for video con-
ferencing and playback
• Hardware color space conversion (YUV 4:2:2
and 4:2:0)
• Multi-tap X and Y filtering for superior image
quality
• Optional edge enhancement to retain video
sharpness
• Support for scaled field interframing for reduced
motion artifacts and reduced storage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com