Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128 Datasheet(PDF) 36 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 32Page - STMicroelectronics RIVA128 Datasheet HTML 33Page - STMicroelectronics RIVA128 Datasheet HTML 34Page - STMicroelectronics RIVA128 Datasheet HTML 35Page - STMicroelectronics RIVA128 Datasheet HTML 36Page - STMicroelectronics RIVA128 Datasheet HTML 37Page - STMicroelectronics RIVA128 Datasheet HTML 38Page - STMicroelectronics RIVA128 Datasheet HTML 39Page - STMicroelectronics RIVA128 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
36/77
7
VIDEO PLAYBACK ARCHITECTURE
The RIVA 128 video playback architecture is de-
signed to allow playback of CCIR PAL or NTSC
video formats with the highest quality while requir-
ing the smallest video surface. The implementa-
tion is optimized around the Windows 95 Direct
Video and ActiveX APIs, and supports the follow-
ing features:
• Accepts interlaced video fields:
- This allows the off-screen video surface to
consume less memory since only one field
(half of each frame) is stored. Double buffer-
ing between fields is done in hardware with
‘temporal averaging’ being applied based on
intraframing.
• Linestore:
-
To support high quality video playback the
RIVA 128 memory controller and video over-
lay engine supports horizontal and vertical
interpolation using a 3x2 multitap interpolat-
ing filter with image sharpening.
• YUV to RGB conversion:
-
YUV 4:2:2 format to 24-bit RGB true-color
-
Chrominance optimization/user control
• Color key video composition
Figure 35.
Video scaler pipeline
YUV
Vertical
Interpolation
Filter
(Smooth/Sharpen)
Color Space
Conversion to 24-bit
RGB
Horizontal
Interpolation
24-bit RGB
Video output
Video windowing, merge
with graphics pixel pipeline
Linestore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com