Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128 Datasheet(PDF) 20 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 16Page - STMicroelectronics RIVA128 Datasheet HTML 17Page - STMicroelectronics RIVA128 Datasheet HTML 18Page - STMicroelectronics RIVA128 Datasheet HTML 19Page - STMicroelectronics RIVA128 Datasheet HTML 20Page - STMicroelectronics RIVA128 Datasheet HTML 21Page - STMicroelectronics RIVA128 Datasheet HTML 22Page - STMicroelectronics RIVA128 Datasheet HTML 23Page - STMicroelectronics RIVA128 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
20/77
AGP timing specification
Figure 8.
AGP clock specification
Table 1.
AGP clock timing parameters
NOTES
1
This rise and fall time is measured across the minimum peak-to-peak range as shown in Figure 8.
Figure 9.
AGP timing diagram
Table 2.
AGP timing parameters
Symbol
Parameter
Min.
Max.
Unit
Notes
tCYC
PCICLK period
15
30
ns
tHIGH
PCICLK high time
6
ns
tLOW
PCICLK low time
6
ns
PCICLK slew rate
1.5
4
V/ns
1
Symbol
Parameter
Min.
Max.
Unit
Notes
tVAL
AGPCLK to signal valid delay (data and control
signals)
211
ns
tON
Float to active delay
2
ns
tOFF
Active to float delay
28
ns
tSU
Input set up time to AGPCLK (data and control
signals)
7ns
tH
Input hold time from AGPCLK
0ns
tCYC
tHIGH
tLOW
PCICLK
0.3VDD
0.4VDD
0.5VDD
0.2VDD
0.6VDD
2V p-to-p
(minimum)
tVAL
tVAL
tON
tOFF
tSU
tH
data1
data2
data1
data2
AGPCLK
Output delay
Tri-state output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com