Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128 Datasheet(PDF) 66 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 62Page - STMicroelectronics RIVA128 Datasheet HTML 63Page - STMicroelectronics RIVA128 Datasheet HTML 64Page - STMicroelectronics RIVA128 Datasheet HTML 65Page - STMicroelectronics RIVA128 Datasheet HTML 66Page - STMicroelectronics RIVA128 Datasheet HTML 67Page - STMicroelectronics RIVA128 Datasheet HTML 68Page - STMicroelectronics RIVA128 Datasheet HTML 69Page - STMicroelectronics RIVA128 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
66/77
Byte offsets 0x0B - 0x08
Class Code Register (0x0B - 0x09)
Revision Identification Register (0x08)
0x0B
0x0A
0x09
0x08
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Function
R W I
31:8
The CLASS_CODE bits identify the generic function of the device and (in
some cases) a specific register-level programming interface. The register is
broken into three byte-size fields. The upper byte (at offset 0x0B) is a base
class code which broadly classifies the type of function the device performs.
The middle-byte (at offset 0x0A) is a sub-class code which identifies more
specifically the function of the device. The lower byte (at offset 0x09) identifies
a specific register-level programming interface (if any) so that device indepen-
dent software can interact with the device.
The VGA function responds as a VGA compatible controller.
0x030000=VGA compatible controller
R - X
Bits
Function
R W I
7:0
The REVISION_ID bits specify a device specific revision identifier. The value
is chosen by the vendor. This field should be viewed as a vendor defined
extension to the DEVICE_ID.
0x01=Revision B
R - X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com