Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128 Datasheet(PDF) 15 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 11Page - STMicroelectronics RIVA128 Datasheet HTML 12Page - STMicroelectronics RIVA128 Datasheet HTML 13Page - STMicroelectronics RIVA128 Datasheet HTML 14Page - STMicroelectronics RIVA128 Datasheet HTML 15Page - STMicroelectronics RIVA128 Datasheet HTML 16Page - STMicroelectronics RIVA128 Datasheet HTML 17Page - STMicroelectronics RIVA128 Datasheet HTML 18Page - STMicroelectronics RIVA128 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
15/77
4
ACCELERATED GRAPHICS PORT (AGP) INTERFACE
The Accelerated Graphics Port (AGP) is a high performance, component level interconnect targeted at 3D
graphical display applications and based on performance enhancements to the PCI local bus.
Figure 1.
System block diagram showing relationship between AGP and PCI buses
Background to AGP
Although 3D graphics acceleration is becoming a
standard feature of multimedia PC platforms, 3D
rendering generally has a voracious appetite for
memory bandwidth. Consequently there is upward
pressure on the PC’s memory requirement leading
to higher bill of material costs. These trends will in-
crease, requiring high speed access to larger
amounts of memory. The primary motivation for
AGP therefore was to contain these costs whilst
enabling performance improvements.
By providing significant bandwidth improvement
between the graphics accelerator and system
memory, some of the 3D rendering data structures
can be shifted into main memory, thus relieving
the pressure to increase the cost of the local
graphics memory.
Texture data are the first structures targeted for
shifting to system memory for four reasons:
1 Textures are generally read only, and therefore
do not have special access ordering or coher-
ency problems.
2 Shifting textures balances the bandwidth load
between system memory and local graphics
memory, since a well cached host processor
has much lower memory bandwidth require-
ments than a 3D rendering engine. Texture ac-
cess comprises perhaps the largest single com-
ponent of rendering memory bandwidth (com-
pared with rendering, display and Z buffers), so
avoiding loading or caching textures in graphics
local memory saves not only this component of
local memory bandwidth, but also the band-
width necessary to load the texture store in the
first place. Furthermore, this data must pass
through main memory anyway as it is loaded
from a mass store device.
3 Texture size is dependent upon application
quality rather than on display resolution, and
therefore subject to the greatest pressure for
growth.
4 Texture data is not persistent; it resides in
memory only for the duration of the application,
so any system memory spent on texture stor-
age can be returned to the free memory heap
when the application finishes (unlike display
buffers which remain in use).
Other data structures can be moved to main mem-
ory but the biggest gain results from moving tex-
ture data.
Relationship of AGP to PCI
AGP is a superset of the 66MHz PCI Specification
(Revision 2.1) with performance enhancements
optimized for high performance 3D graphics appli-
cations.
The PCI Specification is unmodified by AGP and
‘reserved’ PCI fields, encodings and pins, etc. are
not used.
AGP does not replace the need for the PCI bus in
the system and the two are physically, logically,
and electrically independent. As shown in Figure 1
AGP chipset
RIVA 128
System
memory
CPU
I/O
I/O
I/O
PCI
AGP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com