Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128 Datasheet(PDF) 46 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 42Page - STMicroelectronics RIVA128 Datasheet HTML 43Page - STMicroelectronics RIVA128 Datasheet HTML 44Page - STMicroelectronics RIVA128 Datasheet HTML 45Page - STMicroelectronics RIVA128 Datasheet HTML 46Page - STMicroelectronics RIVA128 Datasheet HTML 47Page - STMicroelectronics RIVA128 Datasheet HTML 48Page - STMicroelectronics RIVA128 Datasheet HTML 49Page - STMicroelectronics RIVA128 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
46/77
8.5
VBI HANDLING IN THE VIDEO PORT
RIVA 128 supports two basic modes for VBI data
capture. VBI mode 1 is for use with the Philips
SAA7111A digitizer, VBI mode 2 is for use with the
Samsung KS0127 digitizer.
In VBI mode 1, the region to be captured as VBI
data is set up in the SAA7111A via the serial inter-
face, and in the RIVA 128 under software control.
The SAA7111A responds by suppressing genera-
tion of SAV and EAV codes for the lines selected,
and sending raw sample data to the port. The
RIVA 128 Video Port capture engine starts captur-
ing VBI data at an EAV code in the line last active
and continues to capture data without a break until
it detects the next SAV code. VBI capture is then
complete for that field.
In VBI mode 2, the region to be captured as VBI
data is set up in a similar manner. The KS0127 re-
sponds by enabling VBI data collection only during
the lines specified and framed by normal ITU-R-
656 SAV/EAV codes. The RIVA 128 Video Port
capture engine starts capturing data at an SAV
code controlled by the device driver, and contin-
ues capturing data under control of SAV/EAV
codes until a specific EAV code identified by the
device driver is sampled. VBI capture is then com-
plete for that field. The number of bytes collected
will vary depending on the setup of the KS0127.
8.6
SCALING IN THE VIDEO PORT
The RIVA 128 Video Port allows any arbitrary
scale factor between 1 and 31. For best results the
scale factors of 1, 2, 3, 4, 6, 8, 12, 16, and 24 are
selected to avoid filtering losses. The Video Port
decimates in the y-direction, dropping lines every
few lines depending on the vertical scaling factor.
The intention is to support filtered downscaling in
the attached video decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com