Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128 Datasheet(PDF) 59 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 55Page - STMicroelectronics RIVA128 Datasheet HTML 56Page - STMicroelectronics RIVA128 Datasheet HTML 57Page - STMicroelectronics RIVA128 Datasheet HTML 58Page - STMicroelectronics RIVA128 Datasheet HTML 59Page - STMicroelectronics RIVA128 Datasheet HTML 60Page - STMicroelectronics RIVA128 Datasheet HTML 61Page - STMicroelectronics RIVA128 Datasheet HTML 62Page - STMicroelectronics RIVA128 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
59/77
NOTE
1
Tested but not guaranteed.
2
3mA for all signals except PCIFRAME#, PCITRDY#, PCIIRDY#, PCIDEVSEL# and PCISTOP# which have IOL of 6mA.
13.4 ELECTRICAL SPECIFICATIONS
Table 20.
Parameters applying to all signal pins except PCI/AGP interfaces
NOTE
1
Tested but not guaranteed.
2
For 3V tolerant pins VDD = 3.3V
± 0.3V, for 5V tolerant pins (Video Port and Serial interfaces) VDD = 5V ± 0.5V
13.5 DAC CHARACTERISTICS
VIL
Input logic 0 voltage
-0.5
0.325VDD
V
VOH
Output logic 1 level
0.9VDD
V
VOL
Output logic 0 level
0.1VDD
V
IOH
Output load current, logic 1 level
-0.5
mA
IOL
Output load current, logic 0 level
1.5
mA
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes
CIN
Input capacitance
10
12
pF
1
COUT
Output load capacitance
10
50
pF
1
VIH
Input logic 1 voltage
2.0
VDD+0.5
V
2
VIL
Input logic 0 voltage
-0.5
0.8
V
VOH
Output logic 1 level
2.4
V
VOL
Output logic 0 level
0.4
V
IOH
Output load current, logic 1 level
-1
mA
IOL
Output load current, logic 0 level
1
mA
Parameter
Min.
Typ.
Max.
Units
Notes
Resolution
10
bits
DAC operating frequency
230
MHz
White relative to Black current
16.74
17.62
18.50
mA
2
DAC to DAC matching
±1
±2.5
%
2,4
Integral linearity
±0.5
±1.5
LSB8
2,3,8
Differential linearity
±0.25
±1LSB
8
2,3,8
DAC output voltage
1.2
V
2
DAC output impedance
20
k
Ω
Risetime (black to white level)
1
3
ns
2,5,6
Settling time (black to white)
5.9
ns
2,5,7
Glitch energy
50
100
pVs
2,5
Comparator trip voltage
280
335
420
mV
Comparator settling time
100
µs
Internal Vref voltage
1.235
V
Internal Vref voltage accuracy
±3
±5%
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com