Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 1 Page - STMicroelectronics

  STA002 Datasheet HTML 1Page - STMicroelectronics STA002 Datasheet HTML 2Page - STMicroelectronics STA002 Datasheet HTML 3Page - STMicroelectronics STA002 Datasheet HTML 4Page - STMicroelectronics STA002 Datasheet HTML 5Page - STMicroelectronics STA002 Datasheet HTML 6Page - STMicroelectronics STA002 Datasheet HTML 7Page - STMicroelectronics STA002 Datasheet HTML 8Page - STMicroelectronics STA002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
FRONT_END INTERFACE:
IF input carrier frequency: f = 1.84 MHz
Single internal 6 bit A/D converter
QPSK demodulation
Input symbol frequency: Fs = 1.84 Msymbols/s
Digital Nyquist root filter:
- roll-off value of 0.4
Digital carrier loop:
- on-chip quadrature demodulator and tracking
loop
- lock detector
- C/N indicator
Digital timing recovery:
- internal timing error evaluation, filter and
correction
Digital AGC:
- internal signal power estimation and filter
- output control signal for AGC (1 bit PWM)
FORWARD ERROR CORRECTION:
Inner decoder:
- Viterbi soft decoder for convolutional codes,
constraint length M=7, Rate 1/2
Deinterleaver block
Outer decoder:
- Reed-Solomon decoder for 32 parity bytes;
correction of up to 16 byte errors
- Block lengths: 255
- Energy dispersal descrambler
BACK_END INTERFACE:
Broadcast Channel selection
Audio Service Component selection to MPEG
decoder
Service Component selection
CONTROL:
I
2C serial Bus control interface
DECRYPTION:
WES scheme supported
DESCRIPTION
Designed for World Space satellites digital audio
receivers, the STA002 Digital Receiver Front-end
integrates all the blocks needed to demodulate
incoming digital satellite audio signals from the
tuner: analog to digital converter, QPSK demodu-
lator, signal power estimator, automatic gain con-
trol, Viterbi decoder, deinterleaver, Reed-Solo-
mon decoder and energy dispersal descrabler. Its
advanced error correction functions guarantees a
low error rate even with small low gain receiver
antennas.
Additional functions include the selection of
broadcast channel, service components and
audio components for source decoding:
- The MPEG Audio bitstream is provided at the
serial audio output port.
- The Broadcast Channel is provided to the serial
data output port.
- The Service Component is provided at the SC
output interface.
World Space encryption scheme is supported for
pay programs and paging.
January 2002
®
TQFP44
STA002
STARMAN
™ CHANNEL DECODER
1/43


Similar Part No. - STA002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA001 STMICROELECTRONICS-STA001 Datasheet
310Kb / 20P
RF FRONT-END FOR DIGITAL RADIO
Nov-2002
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
More results

Similar Description - STA002

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9303 TRIQUINT-TQ9303 Datasheet
348Kb / 25P
Fibre Channel Encoder/Decoder
logo
Mitel Networks Corporat...
VP305 MITEL-VP305 Datasheet
652Kb / 85P
Satellite Channel Decoder
VP310 MITEL-VP310 Datasheet
258Kb / 31P
Satellite Channel Decoder
logo
STMicroelectronics
STA400A STMICROELECTRONICS-STA400A Datasheet
910Kb / 117P
XMRADIO SDARS CHANNEL DECODER
Sep-2003
logo
Zarlink Semiconductor I...
MT312 ZARLINK-MT312 Datasheet
318Kb / 90P
Satellite Channel Decoder
logo
List of Unclassifed Man...
NE5045 ETC-NE5045 Datasheet
318Kb / 6P
Seven-Channel RC Decoder
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
Multi-Channel Video Decoder
logo
Toshiba Semiconductor
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
Dual channel Video Decoder
TC90107FG TOSHIBA-TC90107FG Datasheet
626Kb / 15P
Single Channel Video Decoder
logo
Davicom Semiconductor, ...
DM5900 DAVICOM-DM5900 Datasheet
63Kb / 3P
1-Channel Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com