Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 5 Page - STMicroelectronics

  STA002 Datasheet HTML 1Page - STMicroelectronics STA002 Datasheet HTML 2Page - STMicroelectronics STA002 Datasheet HTML 3Page - STMicroelectronics STA002 Datasheet HTML 4Page - STMicroelectronics STA002 Datasheet HTML 5Page - STMicroelectronics STA002 Datasheet HTML 6Page - STMicroelectronics STA002 Datasheet HTML 7Page - STMicroelectronics STA002 Datasheet HTML 8Page - STMicroelectronics STA002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
1
44
43
TEST9
SCDI
200
41
SCCK
200
200
39
SEN
200
37
BCDO
200
36
BCCK
BCSYNC
200
31
200
29
SDI
200
28
SCK
200
27
SEN
200
24
MINTR
200
18
INTR
AGC
200
13
200
2
3
8
5
6
9
10
11
34
TEST8
33
TEST7
32
BCDIN
25
TEST6
23
TEST5
22
TEST4
20
RESET
16
SCL
12
TEST3
15
SDA
100nF
4.7
µF
4.7
µF
100nF
100nF
100nF
100nF
100nF
14
17
100nF
21
19
100nF
26
30
100nF
38
35
100nF
40
42
4
7
100nF
VDD
VSS
VSS
VSS
AVSS
AVSS
AVSS
4.7
µF
4.7
µF
100nF
D99AU1011
100nF
100nF
100nF
100nF
AVDD
VDD
VDD
VDD
VDD
VDD
VDD
AVDD
RXI
NRXI
M_CLK
TEST_CLK
TEST2
TEST1
LOCK
Fig. 3: Test Circuit
IOL
IOH
CL
VREF
VDD
OUTPUT
D98AU967
Figure 4. Test Load Circuit
Output
IOL
IOH
CL
VREF
SDA
5mA
100pF
3.6V
Other Outputs
100
µA
100
µA
100pF
1.5V
Test Load
STA002
5/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com