Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 12Page - STMicroelectronics STA002 Datasheet HTML 13Page - STMicroelectronics STA002 Datasheet HTML 14Page - STMicroelectronics STA002 Datasheet HTML 15Page - STMicroelectronics STA002 Datasheet HTML 16Page - STMicroelectronics STA002 Datasheet HTML 17Page - STMicroelectronics STA002 Datasheet HTML 18Page - STMicroelectronics STA002 Datasheet HTML 19Page - STMicroelectronics STA002 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
The 22 bits value to be written into this register is
given by:
SYMFREQ
= INT 
Fsym
Fck
2
22
for example if
M_CLK = 39,02687179MHz, Fck = M_CLK/4
SYMFREQ = 790995 = (C11D3)HEX
which is the Reset Value.
3.3.2 Loop equations
This timing loop is a second order one. The natu-
ral frequency and the damping factor may be cal-
culated by the following formulas:
fn
= √
Ko KD
β ⋅ m
2
π
where
β is programmed by the timing register
beta_tmg:
b = 2
beta_tmg-14 ⋅ Fsym (Fsym = 1.84MHz)
where m is the reference value of the AGC2 loop
(see AGC2_REF register), KD is the timing detec-
tor gain and Ko is the constant of the timing NCO:
Ko
=
2
π
2
22 Fck
The damping factor is:
ξ =
α
2

Ko KD
⋅ m
β
where
α is programmed by the timing register al-
pha_tmg:
α = 2alpha_tmg
beta_tmg can only take value from 0 to 15; if
beta_tmg is 0 the loop reduces to a first order
one.
Alpha_tmg can take any value from 0 to 7. If both
alpha_tmg and beta_tmg are 0 then the timing
loop is open.
The timing phase detector gain KD depends on
the signal to noise ratio and is given in the follow-
ing figure:
(see par. 3.8 for the C/N definition)
KD = 0.356 for a noise free input signal.
The natural frequency and the damping factor
can be rewritten as:
fn
= 2.064 √
FCK

m
KD ⋅ 2beta_tmg
ξ = 0.0577 √
FCK

m
⋅ KD
2
beta_tmg ⋅ 2
alpha_tmg
Table 1 gives the natural frequency and the
damping factor for the nominal amplitudem =22,
KD = 0.356 and M_CLK = 39.02687179MHz.
In high noise conditions the value of KD may be
reduced up to 25% of its nominal (noise free)
value; it is recommended to start with a damping
factor, calculated without noise, greater than the
usual value of 0.7.
3.4. CARRIER RECOVERY
Also the carrier recovery is completely imple-
mented digitally and comprises a phase and fre-
quency detector, a loop filter, a NCO and a
sine/cosine look-up table.
The carrier NCO is the local oscillator for the in-
put quadrature demodulator.
3.4.1 Carrier loop registers
Carrier
loop
filter
parameter
register
(CARFLTPAR)
Internal address: 8F H
Reset Value: 57H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
alpha_car
beta_car
0
5
10
C/N(dB)
0
0.1
0.2
0.3
(Kd)
D97AU724
Phase Detector Gain
STA002
16/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com