Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 34Page - STMicroelectronics STA002 Datasheet HTML 35Page - STMicroelectronics STA002 Datasheet HTML 36Page - STMicroelectronics STA002 Datasheet HTML 37Page - STMicroelectronics STA002 Datasheet HTML 38Page - STMicroelectronics STA002 Datasheet HTML 39Page - STMicroelectronics STA002 Datasheet HTML 40Page - STMicroelectronics STA002 Datasheet HTML 41Page - STMicroelectronics STA002 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
20 bit
BC FRAME 432 ms
SCH
DATA MULTIPLEX
SP
SCH
SCH
SCH
SP
DATA MULTIPLEX
SP
DATA MULTIPLEX
DATA MULTIPLEX
SP
SP
DATA MULTIPLEX
SCH
SP
SCH
DATA MULTIPLEX
SP
SCH
TDM SYNCHRONISATION STATE MACHINE
( CASE 1)
SP
DETECTION
PRE SYNC
SYNC
Tx
TDM SYNCHRONISATION STATE MACHINE
(CASE 2)
SP
DETECTION
SYNC
Tm
SP
BRI EC
ACI1 ACI2
Nsc ADF1
ADF2
SF SOLF
SCCF-1
SCCF-8
Dynamic Labels
Service Control Data
Service Component
Control Field
SCH
DATA FIELD
Service Component multiplex
Service Component multiplex
DATA FIELD
SCCF interrupt
SCH interrupt
reset by SW
SCH available
SCCF available
Tsch
Tsccf
SCH & SCCF INTERRUPT
Tm = SCCF/ SCH not available setup ~ 32 ms
Tsch = SCH interrupt time ~ 1 3.5 ms
Tsccf = SCCF interrupt time ~
432
7136
BRI
⋅ 128 + Nsc ⋅ 32ms
BRI = Bit Rate Index ( from 1 to 8)
Nsc = number of Service Component ( from1 to
8)
8.5 LOSS OF SYNC TABLE
MPF
PRC
BC
TSCC available
SCH available
SCCF available
TDM Out of Frame unlocked unlocked unlocked
not available
*
*
PRC Out of Frame
locked
unlocked unlocked
available
*
*
BC Out of Frame
locked
locked
unlocked
available
*
*
CONTROL REGISTER
STATUS REGISTER
TDM OOF
b2
PRC OOF
b4
BC OOF
b5
MFP
lock
b4
PRC
lock
b3
BC
lock
b1
TSCC
available
b0
SCH
available
b2
SCCF
available
b5
0
1
0
0
0
X
1
0
0
X
X
1
1
0
1
1
1
0
0
1
1
0
0
0
1
0
1
1
1
*
*
*
1
*
*
*
* Meaningful only if all the sync levels (MFP, PRC, BC) are locked otherwise not significant
STA002
38/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com