Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 20Page - STMicroelectronics STA002 Datasheet HTML 21Page - STMicroelectronics STA002 Datasheet HTML 22Page - STMicroelectronics STA002 Datasheet HTML 23Page - STMicroelectronics STA002 Datasheet HTML 24Page - STMicroelectronics STA002 Datasheet HTML 25Page - STMicroelectronics STA002 Datasheet HTML 26Page - STMicroelectronics STA002 Datasheet HTML 27Page - STMicroelectronics STA002 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Reg name: PRC_MAXDELAY
Internal address: 206 H
Type: R/W
Reset Value:06H
MSB
LSB
XXXXX
b2
b1
b0
Description: Maximum accepted number of de-
lay symbols among the prime rate channels be-
longing to the same broadcast channel.
Reg name: SP_TRSH2
Internal address: 205 H
Type: R/W
Reset Value: 13H
MSB
LSB
X
X
X
b4
b3
b2
b1
b0
Description: Service control header preamble rec-
ognition - Warning flag threshold level.
Definition of the minimum number of SCH pre-
amble bits to be recognized before enabling SCH
synchronization
Reg name: BC_SEL1, BC_SEL2
Internal address: 209 H , 20AH
Type: R/W
Reset Value: 01H, 00H
BC_SEL1 (LSB)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
BC_SEL2 (MSB)
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
Description: Broadcast channel selection
b10 ....b0: BC number selection
b11: Test purpose
b15 ... b12 : Test purpose (must be set at 0 in
functional mode)
4.2 INTERRUPT/STATUS REGISTERS
Reg name: CONTROL
Internal address: 20BH
Type: R/W
Reset Value: 00H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description: Control register
b0 : Software reset on
b1 : Software reset enable
b2 : Set TDM out of frame
b3 : ERROR_REG reset on read enable
b4 : Set PRC out of frame
b5 : Set BC out of frame
b6, b7: Test purpose
Reg name: INT_MASK
Internal address: 20CH
Type: R/W
Reset Value: 00H
MSB
LSB
X
b6b5b4b3b2b1b0
Description: Enable/Disable interrupt on INTR pin
b0 : SCCF interrupt mask
b1 : Max Delay Alarm mask
b2 : Illegal Address mask
b3 : TDM out of frame mask
b4 : RS block error mask
b5 : SCH interrupt mask
b6 : Test purpose
Reg name: ERROR_REG
Internal address: 20DH
Type: R/W
Reset Value: 00H
MSB
LSB
X
b6b5b4b3b2b1b0
Description: Interrupt register
b0 : SCCF interrupt on
b1 : Max Delay Alarm on
STA002
24/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com