Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 33Page - STMicroelectronics STA002 Datasheet HTML 34Page - STMicroelectronics STA002 Datasheet HTML 35Page - STMicroelectronics STA002 Datasheet HTML 36Page - STMicroelectronics STA002 Datasheet HTML 37Page - STMicroelectronics STA002 Datasheet HTML 38Page - STMicroelectronics STA002 Datasheet HTML 39Page - STMicroelectronics STA002 Datasheet HTML 40Page - STMicroelectronics STA002 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
SYNC FOR MFP VERIFICATION
SYNC
2112 SYMBOLS
DATA MULTIPLEX
SCH
MFP
VER
TSCC
READ
DATA READ
TDM STATE MACHINE
TDM SYNCHRONISATION STATE MACHINE
MFP DETECTION
PRE SYNC
START INTERNAL TIMING
251712 SYMBOLS
96 SY
TDM FRAME 138 ms
SYNC
TSCC
VITERBI & RS
DECODED
TSCC
AVAILABLE
I2C INTERFACE
BC
SELECTION
PRC
EXTRACTION
from 1 to8 PRC
CHANNELS
TSCC
DATA MULTIPLEX
MFP
TSCC
TSCC
TSCC
MFP
DATA MULTIPLEX
MFP
DATA MULTIPLEX
DATA MULTIPLEX
MFP
MFP
DATA MULTIPLEX
TSCC
MFP
TSCC
DATA MULTIPLEX
MFP DETECTION
MFP
TSCC
TSCC
FIELD
TSCC
FIELD
TSCC
FIELD
TSCC
FIELD
TSCC
FIELD
TSCC
FIELD
MFP
VER
MFP
VER
DATA READ
DATA READ
DATA READ
MFP
VER
DATA READ
MFP
VER
DATA READ
MFP
VER
DATA READ
TSCC AVAILABLE
PRCP
PRCP
DATA FIELD
PRC FRAME 432 ms
MFP LOCK
PRCP DETECTION
PRE SYNC
SYNC
ALL PRC EXTRACTED LOCK
MFP LOCK
DATA FIELD
PRC SYNCHRONISATION STATE MACHINE
DATA FIELD
DATA FIELD
SP
SP
DATA FIELD
DATA FIELD
PROTECTED BC FRAME 432 ms
PRC
CHANNELS
MULTIPEXING
DATA FIELD
DATA FIELD
SP
SP
VITERBI & RS & DEINTELEAVER
DECODED BC FRAME 432 ms
Tdec
Ty
Tx
SP DETECTION
PRE SYNC
SP DETECTION
SYNC
MFP
TSCC
TDM SYNCHRONISATION STATE MACHINE
CASE 1
NORMAL
SYNC
CASE 2
HW
SYNC
SP LOCK
SP LOCK
BC FRAME SYNC
Ta
FRAME SYNCRONIZATION
8.4 FRAME SYNCRONIZATION TIMES
Tx = MFP detection time: 0 to 138ms
Ta = TSCC decodification time:= < 2ms
Ty = PRCP detection time: 0 to 432ms
Tdec = VITERBI decoding +
REED SOLOMON error correction +
deinterleaving: ~55ms x PRC number
TDM SYNCRONIZATION TIME
TDM lock = QPSK lock + Tx + 138ms
PRC SYNCRONIZATION TIME
PRC lock = QPSK lock +TDM lock + Ty + 432 ms
BC SYNCRONIZATION TIME
CASE 1 ( SW sync):
the BC synchronization FSM asserts the lock sig-
nal when the SP is detected two consecutive
times.
BC lock = QPSK lock + TDM lock + Ty + Tdec +
432 ms
CASE 2 ( HW sync):
the BC synchronization FSM asserts the lock sig-
nal when the BC FRAME SYNC signal is as-
serted by the PRC alignment FSM and the SP is
valid.
BC lock = QPSK lock + TDM lock + Ty + Tdec
Note :
About the BC synchronisation, the selection be-
tween SW sync and
HW syn is achievable
through the register BC_ALARM add 01CH bit
b5.
Bit b5 = 1 indicates the SW sync Bit b5 = 0 indi-
cates HW sync.
STA002
37/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com