Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 14Page - STMicroelectronics STA002 Datasheet HTML 15Page - STMicroelectronics STA002 Datasheet HTML 16Page - STMicroelectronics STA002 Datasheet HTML 17Page - STMicroelectronics STA002 Datasheet HTML 18Page - STMicroelectronics STA002 Datasheet HTML 19Page - STMicroelectronics STA002 Datasheet HTML 20Page - STMicroelectronics STA002 Datasheet HTML 21Page - STMicroelectronics STA002 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
order system controlled by two parameters, al-
pha-car
and
beta-car,
contained
in
the
CARFLTPAR register.
The natural frequency and the damping factor are
given in the following formulas:
fn
=
√
m Ko KD
β
2
π
where
β is programmed by the carrier register
beta_car:
β = 2beta_car-4 ⋅Fsym (Fsym = 1.84MHz)
m is the reference value of the AGC2 loop (see
AGC2_REF register), KD is the phase detector
gain and Ko is the constant of the carrier NCO:
Ko
=
2
π
2
26
FCK
The damping factor is
ξ =
α
2

mKo KD
β
where
α is programmed by the carrier register al-
pha_car:
α = 2alpha_car+6
beta_car can only take value from 0 to 15; if
beta_car is 0 the loop becames a first order one.
alpha_car can take any value from 0 to 9. If both
alpha_car and beta_car are 0 then the loop is
open.
KD depends on the signal to noise ratio and is
given in the figure in next column.
(see par. 3.8 for C/N definition)
KD = 1.26 for a noise free input signal.
The natural frequency and the damping factor
can be rewritten as:
fn
= 16.515 √
FCK

m
⋅ KD
⋅ 2 beta_car
ξ = 0.0289

FCK 2
alpha_car
√
m
⋅ KD
2
beta_car
Table 2 gives the natural frequency and the
damping factor for the nominal amplitude m = 22,
KD = 1.26 and M_CLK = 39.02687179MHz.
In presence of noise the value of KD may be re-
duced of up to 60%; it is recommended to start
with a damping factor, without noise, greater than
the usual value of 0.7.
3.4.3 Phase and frequency detector parameter
The carrier phase error is calculated by the fol-
lowing formula :
ε = I sgn(Q) - Q sgn(I).
This value is computed (at symbol rate) if the ac-
tual I and Q components are greater than a pro-
grammed threshold otherwise the previous value
is mantained. In this way the detector outputs a
DC value proportional to the frequency offset be-
tween the incoming signal and the local oscillator.
The threshold value may be programmed by the
PFDTHR parameter inside the QPSK_CON-
TROL2 register:
TABLE 2. Carrier loop parameters (m = 22; KD = 1.26; M_CLK = 39.02687179MHz)
beta_car
0
1
2
3456789
10
fn(KHz)
NA
0.38
0.54
0.77
1.09
1.54
2.17
3.07
4.35
6.15
8.69
alpha_car
Damping factor
0
1
2
3
4
5
NA
NA
NA
NA
NA
NA
NA
0.67
1.34
2.69
5.37
10.7
NA
0.47
0.95
1.90
3.80
7.60
NA
0.34
0.67
1.34
2.69
5.37
NA
0.24
0.47
0.95
1.90
3.80
NA
0.17
0.34
0.67
1.34
2.69
NA
0.12
0.24
0.47
0.95
1.90
NA
0.08
0.17
0.34
0.67
1.34
NA
0.06
0.12
0.24
0.47
0.95
NA
0.04
0.08
0.17
0.34
0.67
NA
0.03
0.06
0.12
0.24
0.47
0
5
10
C/N(dB)
0
0.6
0.8
1
(Kd)
1.2
D97AU725
Phase Detector Gain
STA002
18/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com