Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 18Page - STMicroelectronics STA002 Datasheet HTML 19Page - STMicroelectronics STA002 Datasheet HTML 20Page - STMicroelectronics STA002 Datasheet HTML 21Page - STMicroelectronics STA002 Datasheet HTML 22Page - STMicroelectronics STA002 Datasheet HTML 23Page - STMicroelectronics STA002 Datasheet HTML 24Page - STMicroelectronics STA002 Datasheet HTML 25Page - STMicroelectronics STA002 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
This register controls the Phase and frequency
detector threshold (see par. 3.4.3) and the C/N
indicator (see 3.8.2)
FLAG REGISTER
internal address: 99 H
LOCK CNFLAG
reserved
This is a read only register when the LOCK bit is
0 then the carrier is locked. When the CNFLAG
bit is 1 then the C/N estimation is available.
4. TDM DEMULTIPLEXING
4.1 TDM_MULTIPLEX REGISTERS.
Reg name: TDM_TRSH1
Internal address: 200 H
Type: R/W
Reset Value: 4BH
MSB
LSB
X
b6b5b4b3b2
b1b0
Description: Master frame preamble recognition -
Synchronization threshold level.
Definition of the minimum number of TDM pre-
amble bits to be recognized before enabling the
frame synchronization.
Reg name: TDM_TRSH2
Internal address: 201 H
Type: R/W
Reset Value: 43H
MSB
LSB
X
b6b5b4b3b2b1b0
Description: Master frame preamble recognition -
Warning flag threshold level.
Definition of the minimum number of TDM pre-
amble bits to be recognized before setting an
alarm condition.
Reg name: TDM_ALARM
Internal address: 207 H
Type: R/W
Reset Value: 00H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description: TDM finite state machine control reg-
ister (see Table 4).
Reg name: PRC_TRSH1
Internal address: 202 H
Type: R/W
Reset Value: 2AH
MSB
LSB
X
X
b5
b4
b3
b2
b1
b0
Description: Prime rate channel preamble recog-
nition - Synchronization threshold level.
Definition of the minimum number of PRC pre-
amble bits to be recognized before enabling PRC
synchronization.
Table 4: TDM FSM active states
b7
b6
b5
b4
b3
b2
b1
b0
TDM FSM active states
XXXXX
0
0
0
mfp_detection, mfp_presync, mfp_sync,alarm 1 (1 cycle)
XXXXX
0
0
1
mfp_detection, mfp_presync, mfp_sync,alarm 1 (2 cycle)
XXXXX
0
0
0
mfp_detection, mfp_presync, mfp_sync,alarm 1 (3 cycle)
XXXXX
0
0
1
mfp_detection, mfp_presync, mfp_sync,alarm 1 (4 cycle)
0
00001
X
X
mfp_detection, mfp_presync, mfp_sync, alarm 1, alarm 2 (1 cycles)
0
00011
X
X
mfp_detection, mfp_presync, mfp_sync, alarm 1, alarm 2 (2 cycles)
-
----
1
X
X
mfp_detection, mfp_presync, mfp_sync, alarm 1, alarm 2 (n cycles)
1
11111
X
X
mfp_detection, mfp_presync, mfp_sync, alarm 1, alarm 2 (32 cycles)
STA002
22/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com