Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 23Page - STMicroelectronics STA002 Datasheet HTML 24Page - STMicroelectronics STA002 Datasheet HTML 25Page - STMicroelectronics STA002 Datasheet HTML 26Page - STMicroelectronics STA002 Datasheet HTML 27Page - STMicroelectronics STA002 Datasheet HTML 28Page - STMicroelectronics STA002 Datasheet HTML 29Page - STMicroelectronics STA002 Datasheet HTML 30Page - STMicroelectronics STA002 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
7. BROADCAST CHANNEL DEMULTIPLEXER
7.1 SCH REGISTER
Reg name: BRI_REG & NSC_REG
Internal address: 000H
Type: R
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description:
b7 to b4 indicate the bit rate of the BC
(BRI field in the SCH)
0000: no valid data
0001: 16Kbps
..............................
1000 : 128Kbps
1001 - 1111: RFU
b3 = 0
b2 to b0 indicate the number of service compo-
nents (NSC field in the SCH)
000: one Service Component
001: two Service Component
...............................................
111: eight Service Component
Reg name: EC_REG
Internal address: 001H
Type: R
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description:
b7 to b4 = 0000
b3 to b0 indicate the encryption strategy (Encryp-
tion Control field in the SCH)
0000: no encryption
0001: static Key
0010: ESI, common key, subscription period A
0100: ESI, broadcast channel specific key for
subscription period A
0101: ESI, broadcast channel specific key for
subscription period B
else: RFU
Reg name: AFCI1_REG
Internal address: 002H
Type: R
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description :
b7 to b5 = 000
b4 to b0 indicate the Auxiliary field content indica-
tor 1 (ACI1l field in the SCH)
00000: not used
00001: 16 bit encryption key selector
00010: RDS PI code
00011: Associated Broadcast Channel reference
(PS flag and ASP)
else: RFU
Reg name: AFCI2_REG
Internal address: 003H
Type: R
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description:
b7 : 0
b6 to b0 indicate the Auxiliary field content indica-
tor 2 (ACI2 field in the SCH)
00000: not used
00001:64 bit encryption key selector
00010: Service Label
else: RFU
Reg name: SOF_SF_REG
Internal address: 0041H
Type: R
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description:
b7 to b5 = 000
b4 indicate the ADF2 multiframe start flag (SF
field in the SCH)
1: first segment of multiframe or no multiframe
0: intermediate segment of multiframe
b3 to b0 indicate the segment offset and lenght
field (SFT field in the SCH) if SF = 1 SOLF con-
tains the total number of multiframe segments minus 1.
STA002
27/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com