Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 35Page - STMicroelectronics STA002 Datasheet HTML 36Page - STMicroelectronics STA002 Datasheet HTML 37Page - STMicroelectronics STA002 Datasheet HTML 38Page - STMicroelectronics STA002 Datasheet HTML 39Page - STMicroelectronics STA002 Datasheet HTML 40Page - STMicroelectronics STA002 Datasheet HTML 41Page - STMicroelectronics STA002 Datasheet HTML 42Page - STMicroelectronics STA002 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
NRXI Electrical Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Note
Cm
Common Mode Voltage
VDD -0.5
V
1
Cmr
Common Mode Voltage Range
VDD -2
VDD -0.3
V
2
DiV
Differential Input Voltage
1V Peak to Peak
V
Note 1: VA = VB Open circuit voltage
Note 2; VA = VB
INPUT PIN
CAPACITANCE
A/AI
4pF
8.7 APPLICATION NOTE (Registers preset)
According to the choosen M_CLK frequency
some registers values must be changed.
Table 7 shows two different presets for M_CLK =
39.0268MHz and M_CLK = 14.72MHz
Table 7:
HEX_COD DEC_COD
REGISTER NAME
M_CLK = 39.0268MHz
PRESET
M_CLK = 14.72MHz
PRESET
80H
128
QPSK_CONTROL1
38H
38H
81H
129
QPSK_CONTROL2
50H
50H
82H
130
AGC1_REF1
C8H
C8H
83H
131
AGC1_REF2
00H
00H
84H
132
AGC1_BETA
05H
05H
8AH
138
SYM_FREQ1
D3H
00H
8BH
139
SYM_FREQ2
11H
00H
8CH
140
SYM_FREQ_
0CH
10H
8DH
141
TIM_FLT_PAR
44H
44H
8FH
143
CAR_FLT_PAR
22H
22H
90H
144
IF_FREQ1
37H
00H
91H
145
IF_FREQ2
1DH
00H
92H
146
IF_FREQ3
C1H
00H
93H
147
IF_FREQ4
00H
01H
95H
149
RAMP_CTRL
20H
20H
200H
512
TDM_TRSH1
3CH
3CH
201H
513
TDM_TRSH2
3CH
3CH
202H
514
PRC_TRSH1
20H
20H
203H
515
PRC_TRSH2
20H
20H
21EH
542
PLL_INT_REG
00H
01H
220H
544
RESERVED1
06H
06H
223H
547
RESERVED4
02H
02H
STA002
41/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com