Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA002 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 16Page - STMicroelectronics STA002 Datasheet HTML 17Page - STMicroelectronics STA002 Datasheet HTML 18Page - STMicroelectronics STA002 Datasheet HTML 19Page - STMicroelectronics STA002 Datasheet HTML 20Page - STMicroelectronics STA002 Datasheet HTML 21Page - STMicroelectronics STA002 Datasheet HTML 22Page - STMicroelectronics STA002 Datasheet HTML 23Page - STMicroelectronics STA002 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
AGC1 integrator value register (AGC1_INTG)
Internal address: 85 H
Reset Value: 00H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
signed number
To open the AGC1 loop this register must be re-
set and the AGC1_BETA parameter must be
"111".
3.6. AGC2
3.6.1 AGC2 control
The AGC2 loop is used at the output of the
Nyquist / interpolator filter for power optimization
in the signal bandwith.
The modulus of the complex signal at the output
of the Nyquist filter is compared to a programma-
ble
threshold
and
then
scaled
by
the
AGC2_BETA coefficient and integrated.
The integrated error drives two multiplier at the
output of both the Nyquist filters in order to man-
tain constant the level signal at the demodulator
output.
3.6.2 Register
AGC2 reference level register (AGC2_REF)
Internal address: 86 H
Reset Value : 16 H
MSB
LSB
X
X
b5
b4
b3
b2
b1
b0
AGC2_REF
The value written in this register corresponds to
the modulud of the output complex signal (I,Q).
AGC2 integrator gain register (AGC2_BETA)
Internal address: 87 H
Reset Value: 00H
MSB
LSB
XXXXX
b2
b1
b0
AGC2_BETA
The AGC2 loop gain
βAGC2 can be controlled by
this register:
βAGC2 = 2AGC2_BETA
The parameter AGC2_BETA can take values
from 0 to 6. When AGC2_BETA is set to "111"
the loop gain is null and the AGC2 amplifier gain
keeps the last value.
AGC2 integrator value register (AGC2_INTG)
Internal address: 88 H
Reset Value: 00H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
signed number
To open the AGC2 loop this register must be re-
set and the AGC2_BETA parameter must be
"111".
The AGC2 reference level value impacts the
value of the following functions:
- Carrier to Noise indicator;
- The carrier loop;
- The timing loop
3.7. LOCK INDICATOR
This 1 bit carrier lock flag may be read at any
time.
This flag is available at the chip output and can
be also read by the micro in the FLAG register
A low logic level at the Lock Indicator means that
a QPSK signal is found.The lock indicator flag
controls , internally, the ramp block. The sweep
function is disable whenever a lock condition is
detected.
3.8. CARRIER TO NOISE INDICATOR
A register is used to estimate the carrier to noise
level C/N in a range from 4 to 17dB.
Remark: in the WorldStar system the correspon-
dence between C/N, Eb/No (Energy per net-bit to
noise ratio) and Eb/No|QPSK (Energy per channel-
bit to noise ratio) are the following:
C/N = Eb/No|QPSK + 3dB = Eb/No - 0.6dB
The C/N indicator may be used to optimize the
antenna pointing or to give an idea of the RF si-
gal quality. This is based on the measure of the
scattering of the QPSK constellation: a 10 bit
counter is incremented when the scattering is ex-
ceeding a certain value. After a programmable
time interval the 8MSB of the counter are loaded
in the corresponding I
2C-bus register.
The register value strongly depends on the
AGC2_REF parameter.
3.8.1 C/N Register (CNCNT)
This register contains a value proportional to the
signal to noise ratio at the Nyquist filter output
(Eb/No|QPSK).
STA002
20/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com