Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS-4RM Datasheet(PDF) 120 Page - Infineon Technologies AG

Part # C167CS-4RM
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-4RM Datasheet(HTML) 120 Page - Infineon Technologies AG

Back Button C167CS-4RM Datasheet HTML 116Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 117Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 118Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 119Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 120Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 121Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 122Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 123Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 124Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 517 page
background image
C167CS
Derivatives
Clock Generation
User’s Manual
6-2
V2.0, 2000-07
6.1
Oscillator
The main oscillator of the C167CS is a power optimized Pierce oscillator providing an
inverter and a feedback element. Pins XTAL1 and XTAL2 connect the inverter to the
external crystal. The standard external oscillator circuitry (see Figure 6-2) comprises the
crystal, two low end capacitors and series resistor (
Rx2) to limit the current through the
crystal. The additional LC combination is only required for 3rd overtone crystals to
suppress oscillation in the fundamental mode. A test resistor (
RQ) may be temporarily
inserted to measure the oscillation allowance of the oscillator circuitry.
Figure 6-2
External Oscillator Circuitry
The on-chip oscillator is optimized for an input frequency range of 4 to 40 MHz.
An external clock signal (e.g. from an external oscillator or from a master device) may
be fed to the input XTAL1. The Pierce oscillator then is not required to support the
oscillation itself but is rather driven by the input signal. In this case the input frequency
range may be 0 to 50 MHz (please note that the maximum applicable input frequency is
limited by the device’s maximum CPU frequency).
Note: Oscillator measurement within the final target system is recommended to
determine the actual oscillation allowance for the oscillator-crystal system. The
measurement technique, examples for evaluated systems, and recommendations
are provided in a specific application note about oscillators (available via your
representative or WWW).
MCS04335
XTAL1
XTAL2
Rx2
R
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com