Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS-4RM Datasheet(PDF) 124 Page - Infineon Technologies AG

Part # C167CS-4RM
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-4RM Datasheet(HTML) 124 Page - Infineon Technologies AG

Back Button C167CS-4RM Datasheet HTML 120Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 121Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 122Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 123Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 124Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 125Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 126Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 127Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 128Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 517 page
background image
C167CS
Derivatives
Clock Generation
User’s Manual
6-6
V2.0, 2000-07
Direct Drive
When direct drive is configured (CLKCFG = 011B) the C167CS’s clock system is directly
fed from the external clock input, i.e.
fCPU = fOSC. This allows operation of the C167CS
with a reasonably small fundamental mode crystal. The specified minimum values for the
CPU clock phases (TCLs) must be respected. Therefore the maximum input clock
frequency depends on the clock signal’s duty cycle.
Prescaler Operation
When prescaler operation is configured (CLKCFG = 001B) the C167CS’s input clock is
divided by 2 to generate then CPU clock signal, i.e.
fCPU = fOSC / 2. This requires the
oscillator (or input clock) to run on 2 times the intended operating frequency but
guarantees a 50% duty cycle for the internal clock system independent of the input clock
signal’s waveform.
PLL Operation
When PLL operation is configured (via CLKCFG) the C167CS’s input clock is fed to the
on-chip phase locked loop circuit which multiplies its frequency by a factor of F =1.5 …5
(selectable via CLKCFG, see Table 6-1) and generates a CPU clock signal with 50%
duty cycle, i.e.
fCPU = fOSC × F.
The on-chip PLL circuit allows operation of the C167CS on a low frequency external
clock while still providing maximum performance. The PLL also provides fail safe
mechanisms which allow the detection of frequency deviations and the execution of
emergency actions in case of an external clock failure.
When the PLL detects a missing input clock signal it generates an interrupt request. This
warning interrupt indicates that the PLL frequency is no more locked, i.e. no more stable.
This occurs when the input clock is unstable and especially when the input clock fails
completely, e.g. due to a broken crystal. In this case the synchronization mechanism will
reduce the PLL output frequency down to the PLL’s base frequency (2 … 5 MHz). The
base frequency is still generated and allows the CPU to execute emergency actions in
case of a loss of the external clock.
On power-up the PLL provides a stable clock signal within ca. 1 ms after
VDD has
reached the specified valid range, even if there is no external clock signal (in this case
the PLL will run on its base frequency of 2 … 5 MHz). The PLL starts synchronizing with
the external clock signal as soon as it is available. Within ca. 1 ms after stable
oscillations of the external clock within the specified frequency range the PLL will be
synchronous with this clock at a frequency of F
× f
OSC, i.e. the PLL locks to the external
clock.
When PLL operation is selected the CPU clock is a selectable multiple of the oscillator
frequency, i.e. the input frequency.
Table 6-1 lists the possible selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com