| Electronic Components Datasheet Search |
|
SABRE-LL-I Datasheet(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SABRE-LL-I Datasheet(HTML) 119 Page - STMicroelectronics |
|
119 / 141 page ![]() SABRE-LL-I GPIO pins 119/141 22.13 GPIO[11] The GPIO[11] truth table is (for the abbreviation list please refer to Table 68): Table 91. GPIO[11] truth EnOpl (1) 1. The EnOp1 bit in the OpAmp1Ctrl register enables the operational amplifier 1. GPIO[11] SPI BITS Function Note GpioOut enable[11] Mode[2] Mode[1] Mode[0] 1 X X X X OpAmp1 Out (2) 2. When EnOp1 = ‘1’ the GpioOutEnable[11] bit is forced to 0. 0 0 X X X HiZ (SPI_IN) 01 0 0 0 SPI OUT (3) 3. In all configurations in which GPIO[11] is enabled as output: a) the GPIO[11] pin can be always used as an analog input to the ADC system (ADC function) by writing its address in the A2DChannelX[4:0] in the A2DConfigX register and starting a conversion; b) the GPIO[11] pin can be always used as a digital input so its value can be always read through SPI interface (SPI_IN function); c) please note that GPIO[11] output is directly connected to ExtPWM4 input for bridge 3 or 4 and therefore particular care must be taken in order to avoid wrong PWM signals when ExtPWM4 is selected for bridge 3 or 4; d) the GPIO[11] pin is a rail to rail output supplied by VGPIO_SPI. 01 0 0 1 A2DGpo (3) 01 0 1 0 AuxPwm1 (3) 01 0 1 1 AuxPwm2 (3) 01 1 0 0 SPI OUT inverted (3) 0 1 1 0 1 A2DGpo inverted (3) 01 1 1 0 AuxPwm1 inverted (3) 01 1 1 1 AuxPwm2 inverted (3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |