| Electronic Components Datasheet Search |
|
SABRE-LL-I Datasheet(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SABRE-LL-I Datasheet(HTML) 121 Page - STMicroelectronics |
|
121 / 141 page ![]() SABRE-LL-I GPIO pins 121/141 22.14 GPIO[12] The GPIO[12] truth table is (for the abbreviation list please refer to Table 68): Table 93. GPIO[12] truth AUX2enable or AUX2syste m (1) 1. AUX2Enable or AUX2System bit =1 represent the case in which AUX2 is used as a regulator (system or not system). Op2En PlusPin GPIO[12] SPI BITS Function Note GpioOut enable[12] Mode[2] Mode[1] Mode[0] 1 X X X X X RegLoop2 01 X X X X OpAmp2 in+ (2) 2. When Op2EnPlusPin = ‘1’ the GpioOutEnable[11] bit is forced to 0. 0 0 0 X X X HiZ (SPI_IN) 0 0 1 0 0 0 SPI OUT (3) 3. In all configurations in which GPIO[12] is enabled as output: a) the GPIO[12] pin can be always used as an analog input to the ADC system (ADC function) by writing its address in the A2DChannelX[4:0] in the A2DConfigX register and starting a conversion; b) the GPIO[12] pin can be always used as a digital input so its value can be always read through SPI interface (SPI_IN function); c) please note that GPIO[12] output is directly connected to StepCmd input for stepper driver and therefore particular care must be taken in order to avoid wrong PWM signals when StepCmd is selected for stepper driver (STEP_REQUEST function) d) the GPIO[12] pin is a rail to rail, back to back output supplied by VGPIO_SPI. 0 0 1 0 0 1 Interrupt Ctrl (3) 0 0 1 0 1 0 Comp2OUT (3) 0 0 1 0 1 1 RegLoop2 (3) 0 0 1 1 0 0 Interrupt Ctrl inverted (3) 0 0 1 1 0 1 Comp2OUT inverted (3) 0 0 1 1 1 1 RegLoop2 inverted (3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |