Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 132Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 133Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 134Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 135Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 136Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 137Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 138Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 139Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 100 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.4.18
Port Pj Pull-Up Control Register (PjPUR) (j = 10 to 13)
Note:
1. When this bit is set to 1 (pulled up), the pin whose port direction bit is set to 0 (input mode) is pulled up.
For ports set to output as I/O pins for peripheral functions, the setting values of the PjPUR register are invalid
and no pull-up resistor is connected.
7.4.19
Port P10 Drive Capacity Control Register (P10DRR)
Note:
1. Both high-level output and low-level output are set to high drive capacity.
The P10DRR register selects whether the drive capacity of the P10 output transistor is set to low or high.
The P10DRRi bit (i = 0 to 7) is used to select whether the drive capacity of the output transistor is set to low or
high for each pin.
Address 01EAh (P10PUR), 01EBh (P11PUR), 01ECh (P12PUR), 01EDh (P13PUR)
Bit
b7b6b5
b4b3b2
b1b0
Symbol
PUj7
PUj6
PUj5
PUj4
PUj3
PUi2
PUj1
PUj0
After Reset
000
000
00
Bit
Symbol
Bit Name
Function
R/W
b0
PUj0
Port Pj_0 pull-up
0: Not pulled up
1: Pulled up (1)
R/W
b1
PUj1
Port Pj_1 pull-up
R/W
b2
PUj2
Port Pj_2 pull-up
R/W
b3
PUj3
Port Pj_3 pull-up
R/W
b4
PUj4
Port Pj_4 pull-up
R/W
b5
PUj5
Port Pj_5 pull-up
R/W
b6
PUj6
Port Pj_6 pull-up
R/W
b7
PUj7
Port Pj_7 pull-up
R/W
Address 01F0h
Bit
b7b6b5
b4b3b2
b1b0
Symbol P10DRR7 P10DRR6 P10DRR5 P10DRR4 P10DRR3 P10DRR2 P10DRR1 P10DRR0
After Reset
000
000
00
Bit
Symbol
Bit Name
Function
R/W
b0
P10DRR0 P10_0 drive capacity
0: Low
1: High (1)
R/W
b1
P10DRR1 P10_1 drive capacity
R/W
b2
P10DRR2 P10_2 drive capacity
R/W
b3
P10DRR3 P10_3 drive capacity
R/W
b4
P10DRR4 P10_4 drive capacity
R/W
b5
P10DRR5 P10_5 drive capacity
R/W
b6
P10DRR6 P10_6 drive capacity
R/W
b7
P10DRR7 P10_7 drive capacity
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com