Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 133Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 134Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 135Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 136Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 137Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 138Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 139Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 140Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 101 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.4.20
Port P11 Drive Capacity Control Register (P11DRR)
Note:
1. Both high-level output and low-level output are set to high drive capacity.
The P11DRR register selects whether the drive capacity of the P11 output transistor is set to low or high. The
P11DRRi bit (i = 0 to 7) is used to select whether the drive capacity of the output transistor is set to low or high
for each pin.
7.4.21
Input Threshold Control Register 0 (VLT0)
The VLT0 register selects the voltage level of the input threshold values for ports P0 to P3. Bits VLT00 to
VLT07 are used to select the input threshold values among three voltage levels (0.35 VCC, 0.50 VCC, and 0.70
VCC).
Address 01F1h
Bit
b7b6b5
b4b3b2
b1b0
Symbol P11DRR7 P11DRR6 P11DRR5 P11DRR4 P11DRR3 P11DRR2 P11DRR1 P11DRR0
After Reset
000
000
00
Bit
Symbol
Bit Name
Function
R/W
b0
P11DRR0 P11_0 drive capacity
0: Low
1: High (1)
R/W
b1
P11DRR1 P11_1 drive capacity
R/W
b2
P11DRR2 P11_2 drive capacity
R/W
b3
P11DRR3 P11_3 drive capacity
R/W
b4
P11DRR4 P11_4 drive capacity
R/W
b5
P11DRR5 P11_5 drive capacity
R/W
b6
P11DRR6 P11_6 drive capacity
R/W
b7
P11DRR7 P11_7 drive capacity
R/W
Address 01F5h
Bit
b7b6b5
b4b3b2
b1b0
Symbol
VLT07
VLT06
VLT05
VLT04
VLT03
VLT02
VLT01
VLT00
After Reset
000
000
00
Bit
Symbol
Bit Name
Function
R/W
b0
VLT00
P0 input level select bit
b1 b0
0 0: 0.50 × VCC
0 1: 0.35 × VCC
1 0: 0.70 × VCC
1 1: Do not set.
R/W
b1
VLT01
R/W
b2
VLT02
P1 input level select bit
b3 b2
0 0: 0.50 × VCC
0 1: 0.35 × VCC
1 0: 0.70 × VCC
1 1: Do not set.
R/W
b3
VLT03
R/W
b4
VLT04
P2 input level select bit
b5 b4
0 0: 0.50 × VCC
0 1: 0.35 × VCC
1 0: 0.70 × VCC
1 1: Do not set.
R/W
b5
VLT05
R/W
b6
VLT06
P3 input level select bit
b7 b6
0 0: 0.50 × VCC
0 1: 0.35 × VCC
1 0: 0.70 × VCC
1 1: Do not set.
R/W
b7
VLT07
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com