Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 137Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 138Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 139Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 140Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 141Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 142Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 143Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 144Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 105 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
X: 0 or 1
Note:
1.
Pulled up by setting the corresponding bit in the P1PUR register to 1.
Table 7.6
Port P1
Pin
Register
PD1
LSE1
ADINSEL
—
Function
Bit
PD1_i
LSEi+8
CH
ADGSEL
2101
0
Port P1_0
SEG8
AN12
i = 0
0
0
XX
XXX
Input port (1)
1
0
X
X
X
X
X
Output port
X
1
XX
XXX
LCD drive control output
(SEG8)
0
0
1000
1
A/D converter input (AN12) (1)
Port P1_1
SEG9
AN13
i = 1
0
0
XX
XXX
Input port (1)
1
0
X
X
X
X
X
Output port
X
1
XX
XXX
LCD drive control output
(SEG9)
0
0
1010
1
A/D converter input (AN13) (1)
Port P1_2
SEG10
AN14
i = 2
0
0
XX
XXX
Input port (1)
1
0
X
X
X
X
X
Output port
X
1
XX
XXX
LCD drive control output
(SEG10)
0
0
1100
1
A/D converter input (AN14) (1)
Port P1_3
SEG11
AN15
i = 3
0
0
XX
XXX
Input port (1)
1
0
X
X
X
X
X
Output port
X
1
XX
XXX
LCD drive control output
(SEG11)
0
0
1110
1
A/D converter input (AN15) (1)
Port P1_4
SEG12
i = 4
00
Input port (1)
1
0
Output port
X1
LCD drive control output
(SEG12)
Port P1_5
SEG13
i = 5
00
Input port (1)
1
0
Output port
X1
LCD drive control output
(SEG13)
Port P1_6
SEG14
i = 6
00
Input port (1)
1
0
Output port
X1
LCD drive control output
(SEG14)
Port P1_7
SEG15
i = 7
00
Input port (1)
1
0
Output port
X1
LCD drive control output
(SEG15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com