| Electronic Components Datasheet Search |
|
R5F2L3ACBNFP Datasheet(PDF) 142 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L3ACBNFP Datasheet(HTML) 142 Page - Renesas Technology Corp |
|
142 / 848 page ![]() 7. I/O Ports REJ09B0441-0010 Rev.0.10 Jul 30, 2008 Page 106 of 809 Under development Preliminary specification Specifications in this manual are tentative and subject to change. R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group, R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group X: 0 or 1; —: No change in outcome Note: 1. Pulled up by setting the corresponding bit in the P2PUR register to 1. Table 7.7 Port P2 Pin Register PD2 LSE2 KISR KIEN KIEN1 — Function Bit PD2_i LSEi+16 KIiSEL0 KIiEN KIiEN Port P2_0 SEG16 KI0 i = 0 00 X X — Input port (1) 1 0 X X — Output port X1 X X — LCD drive control output (SEG16) 00 01 — KI0 input (1) Port P2_1 SEG17 KI1 i = 1 00 X X — Input port (1) 1 0 X X — Output port X1 X X — LCD drive control output (SEG17) 00 01 — KI1 input (1) Port P2_2 SEG18 KI2 i = 2 00 X X — Input port (1) 1 0 X X — Output port X1 X X — LCD drive control output (SEG18) 00 01 — KI2 input (1) Port P2_3 SEG19 KI3 i = 3 00 X X — Input port (1) 1 0 X X — Output port X1 X X — LCD drive control output (SEG19) 00 01 — KI3 input (1) Port P2_4 SEG20 KI4 i = 4 00 X — X Input port (1) 1 0 X — X Output port X1 X — X LCD drive control output (SEG20) 00 0 — 1 KI4 input (1) Port P2_5 SEG21 KI5 i = 5 00 X — X Input port (1) 1 0 X — X Output port X1 X — X LCD drive control output (SEG21) 00 0 — 1 KI5 input (1) Port P2_6 SEG22 KI6 i = 6 00 X — X Input port (1) 1 0 X — X Output port X1 X — X LCD drive control output (SEG22) 00 0 — 1 KI6 input (1) Port P2_7 SEG23 KI7 i = 7 00 X — X Input port (1) 1 0 X — X Output port X1 X — X LCD drive control output (SEG23) 00 0 — 1 KI7 input (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |