Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8526P Datasheet(PDF) 45 Page - Semtech Corporation

Part # ACS8526P
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526P Datasheet(HTML) 45 Page - Semtech Corporation

Back Button ACS8526P Datasheet HTML 41Page - Semtech Corporation ACS8526P Datasheet HTML 42Page - Semtech Corporation ACS8526P Datasheet HTML 43Page - Semtech Corporation ACS8526P Datasheet HTML 44Page - Semtech Corporation ACS8526P Datasheet HTML 45Page - Semtech Corporation ACS8526P Datasheet HTML 46Page - Semtech Corporation ACS8526P Datasheet HTML 47Page - Semtech Corporation ACS8526P Datasheet HTML 48Page - Semtech Corporation ACS8526P Datasheet HTML 49Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 45
www.semtech.com
ACS8526 LC/P LITE
Address (hex):
52
Register Name cnfg_bucket_size
Description
(R/W) Register to program the
maximum size limit for the Leaky
Bucket Configuration.
Default Value
0000 1000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
bucket_size_value (Activity alarm, Leaky Bucket - size)
Bit No.
Description
Bit Value
Value Description
[7:0]
bucket_size_value
The Leaky Bucket operates on a 128 ms cycle. If,
during a cycle, it detects that an input has either
failed or has been erratic, then for each cycle in
which this occurs, the accumulator is incremented
by 1, and for each period of 1, 2, 4, or 8 cycles, as
programmed in Reg. 53 (cnfg_decay_rate), in which
this does not occur, the accumulator is
decremented by 1.
The number in the Bucket cannot exceed the value
programmed into this register.
-
Value at which the Leaky Bucket will stop
incrementing, even with further inactive periods.
Address (hex):
53
Register Name cnfg_decay_rate
Description
(R/W) Register to program the
“decay” or “leak” rate for the
Leaky Bucket Configuration.
Default Value
0000 0001
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
decay_rate_value (Activity alarm,
Leaky Bucket - leak rate)
Bit No.
Description
Bit Value
Value Description
[7:2]
Not used.
-
-
[1:0]
decay_rate_value
The Leaky Bucket operates on a 128 ms cycle. If,
during a cycle, it detects that an input has either
failed or has been erratic, then for each cycle in
which this occurs, the accumulator is incremented
by 1, and for each period of 1, 2, 4, or 8 cycles, as
programmed in this register, in which this does not
occur, the accumulator is decremented by 1.
The Leaky Bucket can be programmed to “leak” or
“decay” at the same rate as the “fill” cycle, or
effectively at one half, one quarter, or one eighth of
the fill rate.
00
01
10
11
Bucket decay rate of 1 every 128 ms.
Bucket decay rate of 1 every 256 ms.
Bucket decay rate of 1 every 512 ms.
Bucket decay rate of 1 every 1,024 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com