Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8526P Datasheet(PDF) 70 Page - Semtech Corporation

Part # ACS8526P
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526P Datasheet(HTML) 70 Page - Semtech Corporation

Back Button ACS8526P Datasheet HTML 66Page - Semtech Corporation ACS8526P Datasheet HTML 67Page - Semtech Corporation ACS8526P Datasheet HTML 68Page - Semtech Corporation ACS8526P Datasheet HTML 69Page - Semtech Corporation ACS8526P Datasheet HTML 70Page - Semtech Corporation ACS8526P Datasheet HTML 71Page - Semtech Corporation ACS8526P Datasheet HTML 72Page - Semtech Corporation ACS8526P Datasheet HTML 73Page - Semtech Corporation ACS8526P Datasheet HTML 74Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 70
www.semtech.com
ACS8526 LC/P LITE
Figure 15 Simplified Application Schematic
Application Information
C15
100nF
100nF
C14
100nF
C6
C10
100nF
100nF
C12
100nF
C7
1nF
C13
100nF
C11
100nF
C8
10R
R2
10R
R1
1K
R4
1M
R3
C16
220nF
R5
10K
BSH205
M1
C2
100uF
C3
100nF
VIN
3
GND
1
VOUT 2
IC2
EZ1086-3.3V
C5
100nF
10uF_TANT
C4
100nF
C9
O2
SEC1
SEC2
OP 5
GND 4
VS
9
GNDb
10
12.8MHz
C-MAC
E2747_
X1
FrSync
term_connect
P1
ZD1
BZV90C-5.6v
arrow
arrow
O1P
MFrSync
O1N
AGND1
1
IC1
2
AGND2
3
VA1+
4
REFCLK
6
DGND1
7
VD1+
8
VD2+
9
DGND2
10
DGND3
11
VD3+
12
VA2+
14
AGND3
15
IC2
16
IP_FREQ1 33
IP_FREQ2 34
O2_FREQ0 35
O2_FREQ2 36
TRST 37
O2_FREQ1 38
VDD2 39
DGND5 40
TMS 41
CLKE 42
SDI 43
CSB 44
O1_FREQ0 45
O1_FREQ1 46
SCLK 47
PORB 48
LOS_ALARM
5
SRCSW
13
ACS8526
IC1
AGND
A.ND
DGND
VDD
VDD5v
A.ND
VDDA
D.ND
D.ND
D.ND 2
D.ND
D.ND
VDD
VDD
D.ND 3
VDD3
D.ND
D.ND
D.ND
VDD
VDDA
VDD
D.ND
D.ND
VDD
VDD
VDD5v
D.ND
VDD
VDD3
VDD2
VDDA
D.ND 2
D.ND 3
A.ND
D.ND 2
VDD2
SDO SDI
CSB SCLK
PORB
Optional circuit to ensure SRCSW is
high on power-up
PORB
source switch control
source failure indication
Typical 12.8MHz oscillator
5v
0v
(+)
Optional Processor
Interface connections
(+)
An example setup where input and
output clocks are hard wired to
accept 19.44MHz on SEC1 and SEC2.
The outputs are configured as:
O1 -> 155.52MHz
O2 -> 38.88MHz
optional -
only needed
for 5v
protection
F8526D_031SimpleApp_01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com