Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8526P Datasheet(PDF) 57 Page - Semtech Corporation

Part # ACS8526P
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526P Datasheet(HTML) 57 Page - Semtech Corporation

Back Button ACS8526P Datasheet HTML 53Page - Semtech Corporation ACS8526P Datasheet HTML 54Page - Semtech Corporation ACS8526P Datasheet HTML 55Page - Semtech Corporation ACS8526P Datasheet HTML 56Page - Semtech Corporation ACS8526P Datasheet HTML 57Page - Semtech Corporation ACS8526P Datasheet HTML 58Page - Semtech Corporation ACS8526P Datasheet HTML 59Page - Semtech Corporation ACS8526P Datasheet HTML 60Page - Semtech Corporation ACS8526P Datasheet HTML 61Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 57
www.semtech.com
ACS8526 LC/P LITE
[3:0]
phase_loss_coarse_limit
Sets the range of the coarse phase loss detector
and the coarse phase detector.
When locking to a high frequency signal, and jitter
tolerance greater than 0.5 UI is required, then the
DPLL can be configured to track phase errors over
many input clock periods. This is particularly useful
with very low bandwidths. This register configures
how many UI over which the input phase can be
tracked. It also sets the range of the coarse phase
loss detector, which can be used with or without the
multi-UI phase capture range capability.
This register value is used by Bits 6 and 7.
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100-1111
Input phase error tracked over ±1 UI.
Input phase error tracked over ±3 UI.
Input phase error tracked over ±7 UI.
Input phase error tracked over ±15 UI.
Input phase error tracked over ±31 UI.
Input phase error tracked over ±63 UI.
Input phase error tracked over ±127 UI.
Input phase error tracked over ±255 UI.
Input phase error tracked over ±511 UI.
Input phase error tracked over ±1023 UI.
Input phase error tracked over ±2047 UI.
Input phase error tracked over ±4095 UI.
Input phase error tracked over ±8191 UI.
Address (hex):
76
Register Name cnfg_ip_noise_window
Description
(R/W) Register to enable the
noise rejection function for low
frequency inputs.
Default Value
0000 0110
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
ip_noise_
window_en
Bit No.
Description
Bit Value
Value Description
7
ip_noise_window_en
Register bit to enable a window of 5% tolerance
around low-frequency inputs (2, 4 and 8 kHz). This
feature ensures that any edge caused by noise
outside the 5% window where the edge is expected
will not be considered within the DPLL. This reduces
any possible phase hit when a low-frequency
connection is removed and contact bounce is
possible.
0
1
DPLL considers all edges for phase locking.
DPLL ignores input edges outside a 95% to 105%
window.
[6:0]
Not used.
-
-
Address (hex):
74 (cont...)
Register Name cnfg_phase_loss_coarse_limit
Description
(R/W) Register to configure some
of the parameters of DPLL phase
detectors.
Default Value
1110 0101
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
coarse_lim_
phaseloss_en
wide_range_en multi_ph_resp
phase_loss_coarse_limit
Bit No.
Description
Bit Value
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com