Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8526P Datasheet(PDF) 12 Page - Semtech Corporation

Part # ACS8526P
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526P Datasheet(HTML) 12 Page - Semtech Corporation

Back Button ACS8526P Datasheet HTML 8Page - Semtech Corporation ACS8526P Datasheet HTML 9Page - Semtech Corporation ACS8526P Datasheet HTML 10Page - Semtech Corporation ACS8526P Datasheet HTML 11Page - Semtech Corporation ACS8526P Datasheet HTML 12Page - Semtech Corporation ACS8526P Datasheet HTML 13Page - Semtech Corporation ACS8526P Datasheet HTML 14Page - Semtech Corporation ACS8526P Datasheet HTML 15Page - Semtech Corporation ACS8526P Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 12
www.semtech.com
ACS8526 LC/P LITE
Figure 4 PLL Block Diagram
DFS is a technique for generating an output frequency
using a higher frequency system clock (204.8 MHz in the
case of the 77.76 MHz synthesis). However, the edges of
the output clock are not ideally placed in time, since all
edges of the output clock will be aligned to the active edge
of the system clock. This means that the generated clock
will inherently have jitter on it equivalent to one period of
the system clock.
DPLL1 and APLLs
DPLL1 always produces 77.76 MHz. The input reference
is either passed directly to the PFD or via a pre-divider (not
shown) to produce the reference input. The feedback
77.76 MHz is either divided or synthesized to generate
the locking frequency.
The DPLL1 77M Forward DFS block uses DFS clocked by
the 204.8 MHz system clock to synthesize the 77.76 MHz
and, therefore, has an inherent 4.9 ns of p-p jitter. There
is an option to use a feedback APLL (APLL3) to filter out
this jitter before the 77.76 MHz is used to generate the
feedback locking frequency in the DPLL1 feedback DFS
block. This analog feedback option allows a lower jitter
(<1 ns) feedback signal to give maximum performance.
The 77.76 MHz is fed to DPLL1 LF Output DFS block and
to APLL1. The low frequency DPLL1 LF Output DFS block
is used to produce three frequencies; two of them,
Digital1 and Digital2, are available for selection to be
produced at outputs O1 and O2, and the third frequency
can produce multiple E1/DS1 rates via the filtering APLLs.
The input clock to the DPLL1 LF Output DFS block is
77.76 MHz from APLL1 (post jitter filtering) or 77.76 MHz
direct from the DPLL1 77M Forward DFS.
Utilizing the clock from APLL1 will result in lower jitter
outputs from the DPLL1 LF Output DFS block. However,
when the input to the APLL1 is taken from the DPLL1 LF
Output DFS block, the input to that block comes directly
from the DPLL1 77M Forward DFS block so that a “loop”
is not created.
APLL1 is for multiplying and filtering. The input to APLL1 is
controlled by MUX 1 (see “Multiplexers” on page 13). The
frequency from APLL1 is four times its input frequency i.e.
311.04 MHz when used with a 77.76 MHz input. APLL1 is
subsequently divided by 1, 2, 4, 6, 8, 12, 16 and 48 and
these are available at the O1 and O2 Outputs.
DPLL2 & APLLs
DPLL2 is simpler than DPLL1. DPLL2 offers no low
frequency output. The DPLL2 input can only be used to
lock to DPLL1. Unlike DPLL1, the DPLL2 Forward DFS
block does not always generate 77.76 MHz. The possible
PFD and
Loop Filter
Forward
DFS
Feedback
DFS
F8526D_017BLOCKDIA_01
01 and 02
PFD and
Loop Filter
Feedback
DFS
77M
Forward
DFS
LF
Output
DFS
APLL2
MUX
X
1
MUX
2
APLL2
Output
Dividers
APLL1
APLL3
APLL1
Output
Dividers
0
1
0
1
1
1
0
0
DPLL2
DPLL1
Analog
Reference
Input
DPLL1_freq_to_APLL2
DPLL2_frequency
sts_current_phase
sts_current_phase
8 kHz
8 kHz
Locking
Frequency
01 and 02
FrSync
MFrSync
O1 and O2
DPLL1
DPLL2_dig_
feedback
1
0
DPLL1_frequency
DPLL1_frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com