Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8526P Datasheet(PDF) 67 Page - Semtech Corporation

Part # ACS8526P
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526P Datasheet(HTML) 67 Page - Semtech Corporation

Back Button ACS8526P Datasheet HTML 63Page - Semtech Corporation ACS8526P Datasheet HTML 64Page - Semtech Corporation ACS8526P Datasheet HTML 65Page - Semtech Corporation ACS8526P Datasheet HTML 66Page - Semtech Corporation ACS8526P Datasheet HTML 67Page - Semtech Corporation ACS8526P Datasheet HTML 68Page - Semtech Corporation ACS8526P Datasheet HTML 69Page - Semtech Corporation ACS8526P Datasheet HTML 70Page - Semtech Corporation ACS8526P Datasheet HTML 71Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 67
www.semtech.com
ACS8526 LC/P LITE
Input/Output Timing
Figure 12 Input/Output Timing (Typical Conditions)
F8526D_021IP_OPTiming_03
Input/Output
Delay
Output
Min/Max Phase Alignment
(FrSync Alignment switched on)
8 kHz input
8 kHz output
6.48 MHz input
6.48 MHz output
19.44 MHz input
25.92 MHz input
38.88 MHz input
51.84 MHz input
77.76 MHz input
19.44 MHz output
38.88 MHz output
51.84 MHz output
77.76 MHz output
25.92 MHz output
+8.2 ± 1.5 ns
+4.7 ± 1.5 ns
+4.3 ± 1.5 ns
+4.7 ± 1.5 ns
+4.6 ± 1.5 ns
+3.0 ± 1.5 ns
+5.3 ± 1.5 ns
8 kHz
MFrSync (2 kHz)
FrSync (8 kHz)
2 kHz
DS1 (1.544 MHz)
E1 (2.048 MHz)
6.48 MHz
19.44 MHz
25.92 MHz
38.88 MHz
51.84 MHz
77.76 MHz
155.52 MHz
-1.2 ± 0.5 ns
-0.4 ± 0.5 ns
DS3 (44.736 MHz)
E3 (34.368 MHz)
311.04 MHz
-0.0 ± 0.5 ns
-1.2 ± 1.25 ns
-1.2 ± 1.25 ns
-3.75 ± 1.25 ns
-3.75 ± 1.25 ns
-3.75 ± 1.25 ns
-3.75 ± 1.25 ns
-3.75 ± 1.25 ns
-3.75 ± 1.25 ns
-3.75 ± 1.25 ns
-3.75 ± 1.25 ns
-3.75 ± 1.25 ns
-3.75 ± 1.25 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com