Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8526P Datasheet(PDF) 62 Page - Semtech Corporation

Part # ACS8526P
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526P Datasheet(HTML) 62 Page - Semtech Corporation

Back Button ACS8526P Datasheet HTML 58Page - Semtech Corporation ACS8526P Datasheet HTML 59Page - Semtech Corporation ACS8526P Datasheet HTML 60Page - Semtech Corporation ACS8526P Datasheet HTML 61Page - Semtech Corporation ACS8526P Datasheet HTML 62Page - Semtech Corporation ACS8526P Datasheet HTML 63Page - Semtech Corporation ACS8526P Datasheet HTML 64Page - Semtech Corporation ACS8526P Datasheet HTML 65Page - Semtech Corporation ACS8526P Datasheet HTML 66Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 62
www.semtech.com
ACS8526 LC/P LITE
Maximum Ratings
Important Note: The Absolute Maximum Ratings, Table 19, are stress ratings only, and functional operation of the
device at conditions other than those indicated in the Operating Conditions sections of this specification are not
implied. Exposure to the absolute maximum ratings for an extended period may reduce the reliability or useful lifetime
of the product.
Operating Conditions
DC Characteristics
Table 19 Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage VDD1, VDD2, VDD3,
VD1+,VD2+, VD3+, VA1+, VA2+, VA3+,
VDD_DIFF
VDD
-0.5
3.6
V
Input Voltage (non-supply pins)
VIN
-5.5
V
Output Voltage (non-supply pins)
VOUT
-5.5
V
Ambient Operating Temperature Range
TA
-40
+85
oC
Storage Temperature
TSTOR
-50
+150
oC
Table 20 Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Power Supply (dc voltage)
VDD1, VDD2, VDD3, VD1+,VD2+, VD3+,
VA1+, VA2+, VA3+, VDD_DIFF
VDD
3.0
3.3
3.6
V
Power Supply (dc voltage) VDD5V
VDD5V
3.0
3.3/5.0
5.5
V
Ambient Temperature Range
TA
-40
-
+85
oC
Supply Current
(Typical - one 19 MHz output)
IDD
110
200
mA
Total Power Dissipation
PTOT
360
720
mW
Table 21 DC Characteristics: TTL Input Port
Across all operating conditions, unless otherwise stated
PARAMETER
Symbol
Minimum
Typical
Maximum
Units
VIN High
VIH
2-
-
V
VIN Low
VIL
--
0.8
V
Input Current
IIN
--
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com