Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8526P Datasheet(PDF) 19 Page - Semtech Corporation

Part # ACS8526P
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526P Datasheet(HTML) 19 Page - Semtech Corporation

Back Button ACS8526P Datasheet HTML 15Page - Semtech Corporation ACS8526P Datasheet HTML 16Page - Semtech Corporation ACS8526P Datasheet HTML 17Page - Semtech Corporation ACS8526P Datasheet HTML 18Page - Semtech Corporation ACS8526P Datasheet HTML 19Page - Semtech Corporation ACS8526P Datasheet HTML 20Page - Semtech Corporation ACS8526P Datasheet HTML 21Page - Semtech Corporation ACS8526P Datasheet HTML 22Page - Semtech Corporation ACS8526P Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 19
www.semtech.com
ACS8526 LC/P LITE
Note...1.544 MHz/2.048 MHz are shown for SONET/SDH respectively. Pin SONSDHB controls default. When High, SONET is default.
Table 8 Output Reference Source Selection Table
Port
Name
Output Port
Technology
Frequencies Supported
Output
O1
LVDS/PECL
(LVDS default)
Frequency selection as per Table 9 and Table 13
Output
O2
TTL/CMOS
FrSync
TTL/CMOS
FrSync, 8 kHz programmable pulse width and polarity, see Reg. 7A.
MFrSync
TTL/CMOS
MFrSync, 2 kHz programmable pulse width and polarity, see Reg. 7A.
Table 9 Output Frequency Selection
Frequency (MHz, unless stated otherwise)
DPLL1 Mode
DPLL2 Mode
APLL2 Input Mux
Jitter Level (typ)
rms
(ps)
p-p (ns)
2 kHz
77.76 MHz Analog
-
-
60
0.6
2 kHz
Any digital feedback
mode
-
-
1400
5
8 kHz
77.76 MHz Analog
-
-
60
0.6
8 kHz
Any digital feedback
mode
-
-
1400
5
1.536
-
12E1 mode
Select DPLL2
500
2.3
1.536
-
-
Select DPLL1 12E1
250
1.5
1.544
-
16DS1 mode
Select DPLL2
200
1.2
1.544
-
-
Select DPLL1 16DS1
150
1.0
1.544
via Digital1 or Digital2 (not Output O1)
77.76 MHz Analog
-
-
3800
13
1.544
via Digital1 or Digital2 (not Output O1)
Any digital feedback
mode
-
-
3800
18
2.048
-
12E1 mode
Select DPLL2
500
2.3
2.048
-
-
Select DPLL1 12E1
250
1.5
2.048
-
16E1 mode
Select DPLL2
400
2.0
2.048
-
-
Select DPLL1 16E1
220
1.2
2.048
(not Output O1)
12E1 mode
-
-
900
4.5
2.048
via Digital1 or Digital2 (not Output O1)
77.76 MHz Analog
-
-
3800
13
2.048
via Digital1 or Digital2 (not Output O1)
Any digital feedback
mode
-
-
3800
18
2.059
-
16DS1 mode
Select DPLL2
200
1.2
2.059
-
-
Select DPLL1 16DS1
150
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com