Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8526P Datasheet(PDF) 55 Page - Semtech Corporation

Part # ACS8526P
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526P Datasheet(HTML) 55 Page - Semtech Corporation

Back Button ACS8526P Datasheet HTML 51Page - Semtech Corporation ACS8526P Datasheet HTML 52Page - Semtech Corporation ACS8526P Datasheet HTML 53Page - Semtech Corporation ACS8526P Datasheet HTML 54Page - Semtech Corporation ACS8526P Datasheet HTML 55Page - Semtech Corporation ACS8526P Datasheet HTML 56Page - Semtech Corporation ACS8526P Datasheet HTML 57Page - Semtech Corporation ACS8526P Datasheet HTML 58Page - Semtech Corporation ACS8526P Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 55
www.semtech.com
ACS8526 LC/P LITE
Address (hex):
73
Register Name cnfg_phase_loss_fine_limit
Description
(R/W) Register to configure some
of the parameters of the DPLL
phase detectors.
Default Value
1010 0010
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
fine_limit_en
noact_ph_loss
narrow_en
phase_loss_fine_limit
Bit No.
Description
Bit Value
Value Description
7
fine_limit_en
Register bit to enable the phase_loss_fine_limit
Bits [2:0]. When disabled, phase lock/loss is
determined by the other means within the device.
This must be disabled when multi-UI jitter tolerance
is required, see Reg. 74,
cnfg_phase_loss_course_limit.
0
1
Phase loss indication only triggered by other means.
Phase loss triggered when phase error exceeds the
limit programmed in phase_loss_fine_limit,
Bits [2:0].
6
noact_ph_loss
The DPLL detects that an input has failed very
rapidly. Normally, when the DPLL detects this
condition, it does not consider phase lock to be lost
and will phase lock to the nearest edge (±180º)
when a source becomes available again, hence
giving tolerance to missing cycles. If phase loss is
indicated, then frequency and phase locking is
instigated (±360º locking). This bit can be used to
force the DPLL to indicate phase loss immediately
when no activity is detected.
0
1
No activity on reference does not trigger phase lost
indication.
No activity triggers phase lost indication.
5
narrow_en (test control bit)
Set to 1 (default value).
0
1
Do not use.
Set to 1.
[4:3]
Not used.
-
-
[2:0]
phase_loss_fine_limit
When enabled by Bit 7, this register coarsely sets
the phase limit at which the device indicates phase
lost or locked. The default value of 2 (010) gives a
window size of around ±(90º to 180º). The phase
position of the inputs to the DPLL has to be within
the window limit for 1 – 2 seconds before the device
indicates phase lock. If it is outside the window for
any time then phase loss is immediately indicated.
For most cases the default value of 2 (010) is
satisfactory. The window size changes in proportion
to the value, so a value of 1 (001) will give a narrow
phase acceptance or lock window of approximately
±(45º to 90º).
000
001
010
011
100
101
110
111
Do not use. Indicates phase loss continuously.
Small phase window for phase lock indication.
Recommended value.
)
)
) Larger phase window for phase lock indication.
)
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com