Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8526P Datasheet(PDF) 7 Page - Semtech Corporation

Part # ACS8526P
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526P Datasheet(HTML) 7 Page - Semtech Corporation

Back Button ACS8526P Datasheet HTML 3Page - Semtech Corporation ACS8526P Datasheet HTML 4Page - Semtech Corporation ACS8526P Datasheet HTML 5Page - Semtech Corporation ACS8526P Datasheet HTML 6Page - Semtech Corporation ACS8526P Datasheet HTML 7Page - Semtech Corporation ACS8526P Datasheet HTML 8Page - Semtech Corporation ACS8526P Datasheet HTML 9Page - Semtech Corporation ACS8526P Datasheet HTML 10Page - Semtech Corporation ACS8526P Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 7
www.semtech.com
ACS8526 LC/P LITE
Input frequencies supported range from 2 kHz to
155.52 MHz. Common E1, DS1, OC-3 and sub-divisions
are supported as spot frequencies that the DPLLs will
directly lock to. Any input frequency, up to 100 MHz, that
is a multiple of 8 kHz can also be locked to via an inbuilt
programmable divider.
In addition to the SEC inputs, there are four configuration
pins IP_FREQ [2:0] and SONSDHB used to configure the
input to expect a particular input frequency (same value
applies to both inputs), and a control pin SRCSW for
switching between SEC1 and SEC2 as the selected input
reference to which the device tries to lock.
Preconfiguring Inputs - Expected Input Frequency
The inputs SEC1 and SEC2 must be preconfigured to
expect a particular input frequency.
The expected input frequencies can be selected from a
range of spot frequencies by either:
Hardware selection: configuring the hardware pins
IP_FREQ [2:0] and SONSDHB, which are read on reset
Register programming: writing to the
cnfg_ref_source_frequency and cnfg_input_mode
registers.
Hardware Selection of Expected I/P Frequency
The combined pin states of IP_FREQ [2:0] and SONSDHB
represent a 4-bit word which addresses a particular
frequency value as given in Table 4.
The frequency selected by the hardware configuration is
always applied to both inputs on Power-up or Reset, so
both will be preconfigured to expect the same frequency.
If SEC1 and SEC2 are required to expect different
frequencies, then these inputs must be subsequently
reconfigured by programming the appropriate registers.
Register Programming of Expected I/P Frequency
The expected input frequencies can be programmed by
writing to the cnfg_ref_source_frequency registers
(Reg. 22 and 23) and ip_sonsdhb (Bit 2 of
cnfg_input_mode,Reg. 34), via the serial interface. This
must not be done until after the end of the initialization
period (see “Initialization” on page 8).
Note...Any subsequent reset will cause these registers to be
overwritten by values that equate to the single hardware
selected frequency on the pins at the time of reset, i.e both
inputs will be configured to expect the same input frequency.
After a reset and initialization period, any change of state on
IP_FREQ [2:0] or SONSDHB will have no effect on the device
configuration, as these are only read during the reset period.
The register programming approach provides a greater
range of frequencies than the hardware selection
method: more spot frequencies, plus frequencies derived
using DivN Mode up to 100 MHz (TTL technology limit).
Preconfiguring Inputs- SONET/SDH
The cnfg_input_mode register bit ip_sonsdhb is used to
select SDH or SONET mode for the entire device and its
setting affects parameters other than just the expected
input frequency selection, e.g. output frequency. To set
the device for use in a SONET network, set ip_sonsdhb =
1. For SDH, set ip_sonsdhb = 0.
Input Locking Frequency Modes
Each input port has to be configured to receive the
expected input frequency. To achieve this, three input
locking frequency modes are provided: Direct Lock,
Lock8K and DivN.
Direct Lock Mode
In Direct Lock mode, DPLL1 can lock to the selected input
at the spot frequency of the input, for example 19.44 MHz
performs the DPLL phase comparisons at 19.44 MHz.
In Lock8K and DivN modes an internal divider is used
prior to DPLL1 to divide the input frequency before it is
used for phase comparisons.
Table 4 Hardware Configuration for Selecting Expected
Input Frequency on SEC1 and SEC2
IP_FREQ Pins
SONSDHB
Pin
Input frequency
210
00
0
X
8 kHz
00
1
0
2.048 MHz
1
1.544 MHz
01
0
X
6.48 MHz
01
1
X
19.44 MHz
10
0
X
25.92 MHz
10
1
X
38.88 MHz
11
0
X
51.84 MHz
11
1
X
77.76 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com