Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5910PZP Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC5910PZP
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 4Page - Texas Instruments TLC5910PZP Datasheet HTML 5Page - Texas Instruments TLC5910PZP Datasheet HTML 6Page - Texas Instruments TLC5910PZP Datasheet HTML 7Page - Texas Instruments TLC5910PZP Datasheet HTML 8Page - Texas Instruments TLC5910PZP Datasheet HTML 9Page - Texas Instruments TLC5910PZP Datasheet HTML 10Page - Texas Instruments TLC5910PZP Datasheet HTML 11Page - Texas Instruments TLC5910PZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings (see Note 1)†
Logic supply voltage, VCCLOG
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage for interface circuit, VCCIF
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage for constant current circuit, VCCLED
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog supply voltage, VCCANA
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (dc), IO(LC)
85 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to VCCLOG + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO(DOUT), VO(DCDOUT), VBOUT, VXPOUT
and VXGSOUT
– 0.3 V to VCCLOG + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO(OUT) and VO(XDOWNn)
– 0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstr
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TA = 25°C
4.7 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation rating at (or above) TA = 25°C
38.2 mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the GNDLOG terminal.
recommended operating conditions
dc characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Logic supply voltage, VCCLOG
4.5
5
5.5
V
Supply voltage for interface circuit,
VCCIF
3.0
5
5.5
V
Supply voltage for constant current
circuit, VCCLED
4.5
5
5.5
V
Analog power supply, VCCANA
4.5
5
5.5
V
Voltage between VCC, VDIFF1
VDIFF1 = VCCLOG – VCCANA
VCCLOG – VCCLED
VCCANA – VCCLED
– 0.3
0
0.3
V
Voltage between GND, VDIFF2
VDIFF2 = GNDLOG – GNDANA
GNDLOG – GNDLED
GNDANA – GNDLED
– 0.3
0
0.3
V
Voltage applied to constant current
output, VOUT
OUT0 to OUT15 off
15
V
High-level input voltage, VIH
0.8 VCCLOG
VCCLOG
V
Low-level input voltage, VIL
GNDLOG
0.2 VCCLOG
V
High–level output current, IOH
VCCLOG = 4.5 V,
DOUT0 to DOUT9, DCDOUT0 to DCDOUT5,
BOUT, XGSOUT, XPOUT
– 1.0
mA
Low–level output current, IOL
VCCLOG = 4.5V,
DOUT0 to DOUT9, DCDOUT0 to DCDOUT5,
BOUT, XGSOUT, XPOUT
1.0
mA
VCCLOG = 4.5 V, XDOWN1, XDOWN2
5
mA
Constant output current, IOLC
OUT0 to OUT15
5
80
mA
Operating free-air temperature range,
TA
– 20
85
°C
PLL capacitance, CVCO
1
µF
PLL resistor, RBIAS
At 16 MHz oscillation
22
k
Ω
PLL resistor, RPD
30
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com