Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5910PZP Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC5910PZP
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 5Page - Texas Instruments TLC5910PZP Datasheet HTML 6Page - Texas Instruments TLC5910PZP Datasheet HTML 7Page - Texas Instruments TLC5910PZP Datasheet HTML 8Page - Texas Instruments TLC5910PZP Datasheet HTML 9Page - Texas Instruments TLC5910PZP Datasheet HTML 10Page - Texas Instruments TLC5910PZP Datasheet HTML 11Page - Texas Instruments TLC5910PZP Datasheet HTML 12Page - Texas Instruments TLC5910PZP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ac characteristics, VCCLOG= VCCANA = VCCLED = 4.5 V to 5.5 V, TA = – 20 to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DCLK DCCLK clock frequency fDCLK fDCCLK
At single operation
20
MHz
DCLK, DCCLK clock frequency, fDCLK, fDCCLK
At cascade operation
15
MHz
DCLK, DCCLK pulse duration (high or low level), twh/twl
20
ns
GSCLK clock frequency, fGSCLK
8
MHz
GSCLK pulse duration (high or low level), twh/twl
40
ns
WDT clock frequency, fWDT
8
MHz
WDT pulse duration (high or low level), twh/twl
40
ns
XLATCH, XDCLAT pulse duration (high level), twh
30
ns
Rise / fall time, tr/tf
100
ns
Setup time, tsu
DINn – DCLK
DCDINn – DCCLK
BLANK – GSCLK
XENABLE – DCLK
XLATCH – DCLK
XLATCH – GSCLK
XDCLAT – DCCLK
RSEL – DCLK
RSEL – DCCLK
RSEL – XLATCH
RSEL – XDCLAT
5
5
10
15
10
10
10
10
15
30
15
ns
Hold time, th
DINn – DCLK
DCDINn – DCCLK
XENABLE – DCLK
XLATCH – DCLK
XDCLAT – DCCLK
RSEL – DCLK
RSEL – DCCLK
RSEL – XLATCH
RSEL – XDCLAT
15
15
20
30
20
20
20
20
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com