| Electronic Components Datasheet Search |
|
TLC5910PZP Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC5910PZP Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 30 page ![]() TLC5910 LED DRIVER SLLS392 – NOVEMBER 1999 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION (6 bits) OUT15 Data XLATCH (6 bits) OUT14 Data (6 bits) OUT1 Data (6 bits) OUT0 Data Latch for Dot Correction 16th byte DCDIN5 MSB DCDIN0 LSB DCDOUT0 to 5 Shift Register for Dot Correction 15th byte DCDIN5 MSB DCDIN0 LSB 2nd byte DCDIN5 MSB DCDIN0 LSB 1st byte DCDIN5 MSB DCDIN0 LSB DCDIN0 to 5 DCCLK Using Port B (RSEL0=L or H, RSEL1=L) (6 bits) OUT15 Data XLATCH (6 bits) OUT14 Data (6 bits) OUT1 Data (6 bits) OUT0 Data Latch for Dot Correction 16th byte DCDIN5 MSB DCDIN0 LSB DOUT0 to 5 Shift Register for Dot Correction 15th byte DCDIN5 MSB DCDIN0 LSB 2nd byte DCDIN5 MSB DCDIN0 LSB 1st byte DCDIN5 MSB DCDIN0 LSB DIN0 to 5 DCLK Using Port A (RSEL0=L, RSEL1=H) Figure 5. Relationship Between Shift Register and Latch for Dot Correction write data to shift register latch The shift register latch written to is selected using the RSEL0 and RSEL1 terminals. At port A, the data is applied to the DIN data input terminal and clocked into the shift register synchronizing to the rising edge of DCLK after XENABLE is pulled low. At port B, the data is applied to the DCDIN data input terminal and clocked into the shift register synchronizing to the rising edge of DCCLK. The shift register for the gray scale data is configured with 16 × 10 bits and the shift register for dot correction is configured with 16 x 6 bits resulting in sixteen times DCLK, and the shift register for brightness control is configured with 1 x 10 bits resulting in one times DCLK. At number of DCLK input for each case, data can be written into the shift register. In this condition, when XLATCH at port A or XDCLAT at port B is pulled high, data in the shift register is clocked into latch (data through), and when XLATCH at port A or XDCLAT at port B is pulled low, data is held (latch). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |