Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5910PZP Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5910PZP
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 7Page - Texas Instruments TLC5910PZP Datasheet HTML 8Page - Texas Instruments TLC5910PZP Datasheet HTML 9Page - Texas Instruments TLC5910PZP Datasheet HTML 10Page - Texas Instruments TLC5910PZP Datasheet HTML 11Page - Texas Instruments TLC5910PZP Datasheet HTML 12Page - Texas Instruments TLC5910PZP Datasheet HTML 13Page - Texas Instruments TLC5910PZP Datasheet HTML 14Page - Texas Instruments TLC5910PZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, CL = 15pF,
MIN/MAX: VCCLOG= VCCANA = VCCLED = 4.5 V to 5.5 V, TA = – 20 to 85°C,
TYP: VCCLOG = VCCANA = VCCLED = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DOUTn, DCDOUTn
12
30
tr
Rise time
XGSOUT, BOUT, XPOUT
12
30
ns
OUTn (see Figure 1)
110
DOUTn, DCDOUTn
10
30
tf
Fall time
XGSOUT, BOUT, XPOUT
10
30
ns
OUTn (see Figure 1)
130
OUTn+1 – OUTn
30
45
BLANK
↑ – OUT0
40
50
105
BLANK – BOUT
10
20
40
GSCLK – OUT0 (see Note 2)
7
GSCLK – XGSOUT
10
20
40
td
Propagation delay time
DCLK – DOUTn
15
30
45
ns
td
Propagation delay time
DCLK – DCDOUTn
15
30
45
ns
DCCLK – DCDOUTn
15
30
45
XOE
↓ – DOUTn (see Note 3)
10
20
35
XOE
↑ – DOUTn (see Note 3)
10
15
25
RSEL – DOUTn
10
20
40
LEDCHK – XDOWN2
1000
NOTES:
2. MAG0 to MAG2 are all low level.
3. Until DOUT will be turned on (drive) or turned off (Hi-Z).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com