| Electronic Components Datasheet Search |
|
TLC5910PZP Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC5910PZP Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 30 page ![]() TLC5910 LED DRIVER SLLS392 – NOVEMBER 1999 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION (10 bits) OUT15 Data XLATCH (10 bits) OUT14 Data (10 bits) OUT1 Data (10 bits) OUT0 Data Latch for Gray Scale Data 16th byte DIN9 MSB DIN0 LSB DOUT0 to 9 Shift Register for Gray Scale Data 15th byte DIN9 MSB DIN0 LSB 2nd byte DIN9 MSB DIN0 LSB 1st byte DIN9 MSB DIN0 LSB DIN0 to 9 DCLK Figure 3. Relationship Between Shift Register and Latch for Gray Scale Data shift register latch for brightness control The shift register latch for brightness control is configured with 1 × 10 bits. Using the shift register latch for brightness control, the division ratio of the gray scale clock can be set and the output current value on constant current output can be adjusted. When powered up, the latch data is indeterminate and the shift register is not initialized. Data should be written to the shift register latch prior to lighting-on (BLANK=L) when these functions are used. Also, the latch value for brightness control cannot be rewritten when the constant current output is turned on. When these functions are not used, the latch value can be set to the default value setting BCENA to low level (connect to GND). Also, DIN9 is assigned to the LSB of the reference current control to maintain the compatibility with TLC5901/02/03 family. The configuration of the shift register and the latch for brightness control is shown below. XLATCH Latch for Brightness Control DOUT0 to 9 DIN0 to 9 DCLK Current Data Adjusted On Constant Current Output 00 11 1 1 MSB LSB MSB LSB Shift Register for Brightness Control DIN8 DATA DIN7 DATA DIN6 DATA DIN4 DATA DIN3 DATA DIN2 DATA DIN1 DATA DIN0 DATA (Note A) Gray Scale Clock Division Ratio Data Set Note A: Indicates default value at BCENA low. 00 11 DIN5 DATA DIN9 DATA Figure 4. Relationship Between Shift Register and Latch for Brightness Control shift register latch for dot correction The shift register latch for dot correction is configured with 16 × 6 bits. Using the shift register latch for dot correction, the current value on the constant current output can be set individually. When powered up, the latch data is indeterminate and the shift register is not initialized. Data should be written to the shift register latch prior to lighting-on (BLANK=L) when these functions are used. Also, the latch value for dot correction cannot be rewritten when the constant current output is turned on. When these functions are not used, the latch value can be set to the default value setting of DCENA to low level (connect to GND). The configuration of the shift register and the latch for dot correction is shown in Figure 5. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |