Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5910PZP Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC5910PZP
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 6Page - Texas Instruments TLC5910PZP Datasheet HTML 7Page - Texas Instruments TLC5910PZP Datasheet HTML 8Page - Texas Instruments TLC5910PZP Datasheet HTML 9Page - Texas Instruments TLC5910PZP Datasheet HTML 10Page - Texas Instruments TLC5910PZP Datasheet HTML 11Page - Texas Instruments TLC5910PZP Datasheet HTML 12Page - Texas Instruments TLC5910PZP Datasheet HTML 13Page - Texas Instruments TLC5910PZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, LEDCHK = L,
MIN/MAX: VCCLOG = VCCANA = VCCLED = 4.5 V to 5.5 V, TA = – 20 to 85°C
TYP: VCCLOG = VCCANA = VCCLED = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
DOUTn, DCOUTn, XGSOUT, XPOUT,
BOUT
IOH = –1 mA
VCCLOG
–0.5
V
VOL
Low-level output voltage
DOUTn, DCOUTn, XGSOUT, XPOUT,
BOUT
IOL = 1 mA
0.5
V
OL
g
XDOWN1, XDOWN2 IOL = 5 mA
0.5
II
Input current
VIN = VCCLOG or GNDLOG
± 1
µA
Input signal is static,
TSENA = H, WDCAP = OPEN,
No PLL is used
0.1
mA
ILOG
Supply current (logic)
Input signal is static,
TSENA = H, WDCAP = OPEN,
PLL multiple ratio = 1042
1
mA
ILOG
Supply current (logic)
Data transfer,
DCLK = 20 MHz, GSCLK = 8 MHz
No PLL is used
35
45
mA
Data transfer,
DCLK = 20 MHz, GSCLK = 15 kHz
PLL multiple ratio = 1042
39
49
mA
IANA
Supply current (analog)
BLANK = L, RIREF = 1200 Ω
6.5
8
mA
IANA
Supply current (analog)
BLANK = L, RIREF = 600 Ω
13
15
mA
LED turn off, RIREF = 1200 Ω
12
20
LED turn off, RIREF =600 Ω
20
35
ILED
Supply current (constant current driver)
VOUT =1V, RIREF = 1200Ω
All output bits turn on
12
20
mA
VOUT =1V, RIREF = 600 Ω
All output bits turn on
20
35
IOLC1
Constant output current (includes error
between bits)
VOUT =1V, VIREF = 1.21 V,
RIREF = 1200Ω
35
40
45
mA
IOLC2
Constant output current (includes error
between bits)
VOUT = 0.7 V, VIREF = 1.21 V,
RIREF = 600 Ω
70
80
90
mA
OUT0 to OUT15 (VOUTn = 15 V)
0.1
µA
IOLK
Constant output leakage current
XDOWN1,2 (VXDOWNn = 15 V)
1
µA
IOLK
Constant out ut leakage current
DOUTn, DCDOUTn
(VOUTn = VCCLOG or GND)
1
µA
∆IOLC
Constant output current error between bit
VCCLOG=VCCANA=VCCLED=
5 V,
VOUT = 1 V, RIREF = 600 Ω
All output bits turn on
± 1%
± 4%
I
∆OLC1
Changes in constant output current
depend on supply voltage
VOUT = 1V, RIREF = 600 Ω,
VIREF = 1.21 V
± 1
± 4
%/V
I
∆OLC2
Changes in constant output current
depend on output voltage
VOUT = 1 V to 3 V, RIREF = 600 Ω,
VIREF = 1.21 V,
1 bit output turn on
± 1
± 3
%/V
Ttsd
TSD detection temperature
Junction temperature
150
160
170
°C
Twdt
WDT detection temperature
No external capacitor
5
10
15
ms
VIREF
Voltage reference
BCENA = L, RIREF = 590 Ω,
1.21
V
VLEDDET
Voltage applied to LED disconnection
detection
0.2
0.3
0.4
V
PLLJITTER
PLL jitter
RBIAS = 22 kΩ, RPD = 30 kΩ,
CVCO = 0.1 µF
0.4%
2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com